Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3811 Fiches technique(PDF) 2 Page - Semicoa Semiconductor

No de pièce 2N3811
Description  Type 2N3811 Geometry 0220 Polarity PNP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMICOA [Semicoa Semiconductor]
Site Internet  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3811 Fiches technique(HTML) 2 Page - Semicoa Semiconductor

  2N3811 Datasheet HTML 1Page - Semicoa Semiconductor 2N3811 Datasheet HTML 2Page - Semicoa Semiconductor 2N3811 Datasheet HTML 3Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet No. 2N3811
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IC = 10 µA
Collector-Base Cutoff Current
VCB = 50 V
Collector-Base Cutoff Current
VCB = 50 V, TA = +150
oC
Collector-Base Cuttoff Current
VCE = 50 V, IC = 1 µA
ICBO2
---
10
µA
IEBO
---
10
nA
ICBO1
---
10
nA
V
V(BR)EBO
5.0
---
V(BR)CEO
60
---
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
60
---
V
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 1 µA, VCE = 5 V
hFE1
75
---
---
IC = 10 µA, VCE = 5 V
hFE2
225
---
---
IC = 100 µA, VCE = 5 V
hFE3
300
900
---
IC = 500 µA, VCE = 5 V
hFE4
300
900
---
IC = 1 mA, VCE = 5 V
hFE5
300
900
---
IC = 10 mA, VCE = 5 V
hFE6
250
---
---
IC = 100 µA, VCE = 5 V, TA = -55
oC
hFE7
100
---
---
Base-Emitter Saturation Voltage
IC = 100 µA, IB = 10 µA
VBE(sat)1
---
0.7
V dc
IC = 1 mA, IB = 100 µA
VBE(sat)2
---
0.8
V dc
VCE = 5 V, IC = 100 µA
VBE(sat)3
---
0.7
V dc
Collector-Emitter Saturation Voltage
IC = 100 µA, IB = 10 µA
VCE(sat)1
---
0.2
V dc
IC = 1 mA, IB = 100 µA
VCE(sat)2
---
0.25
V dc


Numéro de pièce similaire - 2N3811

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N3811 SEMICOA-2N3811 Datasheet
30Kb / 1P
   Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
Calogic, LLC
2N3811 CALOGIC-2N3811 Datasheet
314Kb / 2P
   Monolithic Dual Matched PNP General Purpose Amplifier
logo
Microsemi Corporation
2N3811 MICROSEMI-2N3811 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N3811 CENTRAL-2N3811 Datasheet
52Kb / 1P
   Dual Transistors
logo
Semicoa Semiconductor
2N3811 SEMICOA-2N3811 Datasheet
209Kb / 3P
   Silicon PNP Transistor
More results

Description similaire - 2N3811

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
43Kb / 3P
   Type 2N3810 Geometry 0220 Polarity PNP
2C2605 SEMICOA-2C2605 Datasheet
30Kb / 1P
   Chip Type 2C2605 Geometry 0220 Polarity NPN
2N2484 SEMICOA-2N2484 Datasheet
55Kb / 3P
   Type 2N2484 Geometry 0220 / 0307 Polarity NPN
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
2N5151 SEMICOA-2N5151 Datasheet
55Kb / 2P
   Type 2N5151 Geometry 9702 Polarity PNP
2N5151L SEMICOA-2N5151L Datasheet
59Kb / 2P
   Type 2N5151L Geometry 9702 Polarity PNP
2N5153L SEMICOA-2N5153L Datasheet
59Kb / 2P
   Type 2N5153L Geometry 9702 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
   Type 2N6987 Geometry 0600 Polarity PNP
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com