Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMH19N60E Fiches technique(PDF) 3 Page - Fuji Electric

No de pièce FMH19N60E
Description  N-CHANNEL SILICON POWER MOSFETFeatures
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMH19N60E Fiches technique(HTML) 3 Page - Fuji Electric

  FMH19N60E Datasheet HTML 1Page - Fuji Electric FMH19N60E Datasheet HTML 2Page - Fuji Electric FMH19N60E Datasheet HTML 3Page - Fuji Electric FMH19N60E Datasheet HTML 4Page - Fuji Electric FMH19N60E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
33
FUJI POWER MOSFET
FMH19N60E
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
typ.
max.
min.
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch):VDS=VGS,ID=250µA
Tch [°C]
-50
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
Tch [°C]
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=9.5A,VGS=10V
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
Qg [nC]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=19A,Tch=25°C
480V
300V
Vcc= 120V
10
-1
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
10
4
VDS [V]
Typical Capacitance
C=f(VDS):VGS=0V,f=1MHz
Crss
Coss
Ciss
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.1
1
10
100
VSD [V]
ID [A]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80 µs pulse test,Tch=25°C
10
-1
10
0
10
1
10
0
10
1
10
2
10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=300V,VGS=10V,RG=8.2Ω
td(on)
tr
tf
td(off)


Numéro de pièce similaire - FMH19N60E

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
FMH19N60ES FUJI-FMH19N60ES Datasheet
580Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
More results

Description similaire - FMH19N60E

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
FMC10N60E FUJI-FMC10N60E Datasheet
642Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
FMH23N50ES FUJI-FMH23N50ES Datasheet
565Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
FMC03N60E FUJI-FMC03N60E Datasheet
580Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
FMI16N60E FUJI-FMI16N60E Datasheet
532Kb / 5P
   N-CHANNEL SILICON POWER MOSFETFeatures
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com