Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMH06N90E Fiches technique(PDF) 2 Page - Fuji Electric

No de pièce FMH06N90E
Description  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMH06N90E Fiches technique(HTML) 2 Page - Fuji Electric

  FMH06N90E Datasheet HTML 1Page - Fuji Electric FMH06N90E Datasheet HTML 2Page - Fuji Electric FMH06N90E Datasheet HTML 3Page - Fuji Electric FMH06N90E Datasheet HTML 4Page - Fuji Electric FMH06N90E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FMH06N90E
3
FUJI POWER MOSFET
http://www.fujisemi.com
0
25
50
75
100
125
150
0
25
50
75
100
125
150
Allowable Power Dissipation
PD=f(Tc)
Tc [°C]
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
t
P
D
Power loss waveform :
Square wavefo rm
t
P
D
t
P
D
Power loss waveform :
Square wavefo rm
VDS [V]
Safe Operating Area
I
D=f(VDS):Duty=0(Single pulse), Tc=25 °c
t=
1µs
10µs
1ms
100µs
0
4
8
12
16
20
24
0
1
2
3
4
5
6
7
8
20V
10V
6.0V
7.0V
VDS [V]
Typical Output Characteristics
ID=f(VDS):80µs pulse test, Tch=25°C
VGS=5.5V
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
VGS[V]
TypicalTransferCharacteristic
ID=f(VGS):80µs pulse test, VDS=25V, Tch=25°C
0.1
1
10
100
0.1
1
10
100
Typical Transconductance
gfs=f(ID):80µs pulse test, VDS=25V, Tch=25°C
0
1
2
3
4
5
6
7
8
1.6
2.0
2.4
2.8
3.2
3.6
4.0
20V
6V
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80µs pulse test, Tch=25°C
10V
7V
VGS=5.5V
ID [A]


Numéro de pièce similaire - FMH06N90E

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
FMH07N90E FUJI-FMH07N90E Datasheet
529Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
FMH09N90E FUJI-FMH09N90E Datasheet
523Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
FMH09N90E ISC-FMH09N90E Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FMH06N90E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com