Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDZ7.5FV Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KDZ7.5FV
Description  SILICON EPITAXIAL PLANAR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ7.5FV Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KDZ7.5FV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ7.5FV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ7.5FV Datasheet HTML 3Page - KEC(Korea Electronics) KDZ7.5FV Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2007. 12. 4
3/4
KDZ3.6FV~KDZ36FV
Revision No : 5
TYPE No.
Grade
Zener Voltage Vz (V)
Dynamic Impedance
Zz (
)
KNEE Dynamic
Impedance Zzk (
)
Reverse Current
IR ( A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
KDZ20FV
-
18.80
21.20
5
25
5
200
0.5
0.5
15
Y
19.52
20.39
KDZ22FV
-
20.80
23.30
5
30
5
200
0.5
0.5
17
Y
21.54
22.47
KDZ24FV
-
22.80
25.60
5
40
5
200
0.5
0.5
19
Y
23.72
24.78
KDZ27FV
-
25.10
28.90
2
150
2
150
0.5
0.1
21
Y
26.19
27.53
KDZ30FV
-
28.00
32.00
2
200
2
200
0.5
0.1
23
Y
29.19
30.69
KDZ33FV
-
31.00
35.00
2
250
2
250
0.5
0.1
25
Y
32.15
33.79
KDZ36FV
-
34.00
38.00
2
300
2
300
0.5
0.1
27
Y
35.07
36.87
Note 1) The Zener voltage is measured 40ms after power is supplied.
Note 2) The Dynamic Impedance (ZZ) are measured by superimposing a minute altemating current on the regulated current (IZ)
Note 3) * : Under development.
ELECTRICAL CHARACTERISTICS (Ta=25
)


Numéro de pièce similaire - KDZ7.5FV

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDZ7.5FV KEC-KDZ7.5FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
KDZ7.5FV KEC-KDZ7.5FV Datasheet
557Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

Description similaire - KDZ7.5FV

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com