Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7291BCPZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7291BCPZ
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7291BCPZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7291BCPZ Datasheet HTML 4Page - Analog Devices AD7291BCPZ Datasheet HTML 5Page - Analog Devices AD7291BCPZ Datasheet HTML 6Page - Analog Devices AD7291BCPZ Datasheet HTML 7Page - Analog Devices AD7291BCPZ Datasheet HTML 8Page - Analog Devices AD7291BCPZ Datasheet HTML 9Page - Analog Devices AD7291BCPZ Datasheet HTML 10Page - Analog Devices AD7291BCPZ Datasheet HTML 11Page - Analog Devices AD7291BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7291
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.5
1.0
1.5
2.0
2.5
3.0
VREF (V)
INL (POSITIVE)
INL (NEGATIVE)
TA = 25°C
VDRIVE = 3V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
0
–20
–40
–60
–80
–100
–120
02k
VDD = VDRIVE = 3V
fS = 22.22ksps
fSCL = 400kHz
fIN = 10kHz
SNR = 71.209
THD = –81.66
4k
6k
8k
10k
FREQUENCY (Hz)
Figure 4. Typical FFT
Figure 7. INL vs. External VREF
1.0
0.8
0.6
0.4
0.2
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
500
1000
1500
2000
2500
3000
3500
4096
ADC CODE
TA = 25°C
VDRIVE = 3V
VREF = 2.5V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.5
1.0
1.5
2.0
2.5
3.0
VREF (V)
DNL (POSITIVE)
DNL (NEGATIVE)
TA = 25°C
VDRIVE = 3V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
Figure 5. Typical ADC INL
Figure 8. DNL vs. External VREF
1.0
0.8
0.6
0.4
0.2
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
500
1000
1500
2000
2500
3000
3500
4096
ADC CODE
TA = 25°C
VDRIVE = 3V
VREF = 2.5V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
11.7
11.6
11.5
11.4
11.3
11.2
0
0.5
1.0
1.5
2.0
2.5
EXTERNAL REFERENCE (V)
Figure 6. Typical ADC DNL
Figure 9. Effective Number of Bits vs. VREF, fSCL = 400 kHz


Numéro de pièce similaire - AD7291BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7291BCPZ AD-AD7291BCPZ Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
   Temperature Sensor
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
More results

Description similaire - AD7291BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com