Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3518-01MR Fiches technique(PDF) 1 Page - Fuji Electric

No de pièce 2SK3518-01MR
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3518-01MR Fiches technique(HTML) 1 Page - Fuji Electric

  2SK3518-01MR Datasheet HTML 1Page - Fuji Electric 2SK3518-01MR Datasheet HTML 2Page - Fuji Electric 2SK3518-01MR Datasheet HTML 3Page - Fuji Electric 2SK3518-01MR Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TO-220F
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
500
Continuous drain current
ID
±6
Pulsed drain current
ID(puls]
±24
Gate-source voltage
VGS
±30
Repetitive or non-repetitive
IAR
*2
6
Maximum Avalanche Energy
EAS
*1
115
Maximum Drain-Source dV/dt
dVDS/dt *4
20
Peak Diode Recovery dV/dt
dV/dt
*3
5
Max. power dissipation
PD
Ta=25°C
2.16
Tc=25°C
32
Operating and storage
Tch
+150
temperature range
Tstg
Isolation Voltage
VISO
*5
2
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3518-01MR
FUJI POWER MOSFET200303
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=500V VGS=0V
VDS=400V VGS=0V
VGS=±30V
ID=3A
VGS=10V
ID=3A
VDS=25V
VCC=300V ID=3A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
nA
S
pF
nC
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
3.91
58.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID= 250µA
VGS=0V
ID= 250µA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
VCC=250V
ID=6A
VGS=10V
L=5.9mH Tch=25°C
IF=6A VGS=0V Tch=25°C
IF=6A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
A
A
V
A
mJ
kV/µs
kV/µs
W
°C
°C
kVrms
500
3.0
5.0
25
250
10
100
1.15
1.50
2.5
5
430
675
60
90
2.5
4.5
10
15
5
7.5
20
30
5
7.5
15
22.5
6.5
10.5
2.5
4.5
6
1.00
1.50
0.5
1.7
-55 to +150
Outline Drawings [mm]
Equivalent circuit schematic
Gate(G)
Source(S)
Drain(D)
Super FAP-G Series
*3 IF -ID, -di/dt=50A/µs, Vcc BVDSS, Tch 150°C
=
<
=
<
=
<
*4 VDS 500V
*5 t=60sec, f=60Hz
<
=
*1 L=5.90mH, Vcc=50V, See to Avalanche Energy Graph
*2 Tch 150°C
=
<


Numéro de pièce similaire - 2SK3518-01MR

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK3518-01MR ISC-2SK3518-01MR Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK3518-01MR

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com