Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK15C88-NF45ITR Fiches technique(PDF) 5 Page - Cypress Semiconductor

No de pièce STK15C88-NF45ITR
Description  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF45ITR Fiches technique(HTML) 5 Page - Cypress Semiconductor

  STK15C88-NF45ITR Datasheet HTML 1Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 2Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 3Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 4Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 5Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STK15C88
Document Number: 001-50593 Rev. *C
Page 5 of 17
Hardware Protect
The STK15C88 offers hardware protection against inadvertent
STORE operation and SRAM WRITEs during low voltage
conditions. When VCAP<VSWITCH, all externally initiated STORE
operations and SRAM WRITEs are inhibited.
Noise Considerations
The STK15C88 is a high speed memory. It must have a high
frequency bypass capacitor of approximately 0.1 µF connected
between VCC and VSS, using leads and traces that are as short
as possible. As with all high speed CMOS ICs, careful routing of
power, ground, and signals reduce circuit noise.
Low Average Active Power
CMOS technology provides the STK15C88 the benefit of
drawing significantly less current when it is cycled at times longer
than 50 ns. Figure 2 and Figure 3 show the relationship between
ICC and READ or WRITE cycle time. Worst case current
consumption is shown for both CMOS and TTL input levels
(commercial temperature range, VCC = 5.5 V, 100% duty cycle
on chip enable). Only standby current is drawn when the chip is
disabled. The overall average current drawn by the STK15C88
depends on the following items:
1. The duty cycle of chip enable
2. The overall cycle rate for accesses
3. The ratio of READs to WRITEs
4. CMOS versus TTL input levels
5. The operating temperature
6. The VCC level
7. I/O loading
Figure 2. Current Versus Cycle Time (WRITE)
Figure 3. Current Versus Cycle Time (READ)
Best Practices
nvSRAM products have been used effectively for over 15 years.
While ease-of-use is one of the product’s main system values,
experience gained working with hundreds of applications has
resulted in the following suggestions as best practices:
The nonvolatile cells in an nvSRAM are programmed on the
test floor during final test and quality assurance. Incoming
inspection routines at customer or contract manufacturer’s
sites, sometimes, reprogram these values. Final NV patterns
are typically repeating patterns of AA, 55, 00, FF, A5, or 5A.
End product’s firmware should not assume a NV array is in a
set programmed state. Routines that check memory content
values to determine first time system configuration and cold or
warm boot status should always program a unique NV pattern
(for example, complex 4-byte pattern of 46 E6 49 53 hex or
more random bytes) as part of the final system manufacturing
test to ensure these system routines work consistently.
Power up boot firmware routines should rewrite the nvSRAM
into the desired state. While the nvSRAM is shipped in a preset
state, best practice is to again rewrite the nvSRAM into the
desired state as a safeguard against events that might flip the
bit inadvertently (program bugs and incoming inspection
routines).
[+] Feedback


Numéro de pièce similaire - STK15C88-NF45ITR

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK15C88-NF45ITR SIMTEK-STK15C88-NF45ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45ITR CYPRESS-STK15C88-NF45ITR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

Description similaire - STK15C88-NF45ITR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com