Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK14C88-3NF45 Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce STK14C88-3NF45
Description  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF45 Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button STK14C88-3NF45 Datasheet HTML 3Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 4Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 9Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 10Page - Cypress Semiconductor STK14C88-3NF45 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STK14C88-3
Document Number: 001-50592 Rev. *D
Page 7 of 18
Best Practices
nvSRAM products have been used effectively for over 15 years.
While ease-of-use is one of the product’s main system values,
experience gained working with hundreds of applications has
resulted in the following suggestions as best practices:
The nonvolatile cells in an nvSRAM are programmed on the
test floor during final test and quality assurance. Incoming
inspection routines at customer or contract manufacturer’s
sites, sometimes, reprogram these values. Final NV patterns
are typically repeating patterns of AA, 55, 00, FF, A5, or 5A.
End product’s firmware should not assume an NV array is in a
set programmed state. Routines that check memory content
values to determine first time system configuration and cold or
warm boot status, should always program a unique NV pattern
(for example, a complex 4-byte pattern of 46 E6 49 53 hex or
more random bytes) as part of the final system manufacturing
test to ensure these system routines work consistently. Power
up boot firmware routines should rewrite the nvSRAM into the
desired state. While the nvSRAM is shipped in a preset state,
best practice is to again rewrite the nvSRAM into the desired
state as a safeguard against events that might flip the bit
inadvertently (program bugs or incoming inspection routines).
The VCAP value specified in this data sheet includes a minimum
and a maximum value size. Best practice is to meet this
requirement and not exceed the max VCAP value because the
higher inrush currents may reduce the reliability of the internal
pass transistor. Customers who want to use a larger VCAP value
to ensure there is extra store charge should discuss their VCAP
size selection with Cypress to understand any impact on the
VCAP voltage level at the end of a tRECALL period.
Table 2. Hardware Mode Selection
CE
WE
HSB
A13 – A0
Mode
I/O
Power
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active[1]
L
L
H
X
Write SRAM
Input Data
Active
X
X
L
X
Nonvolatile Store
Output High Z
ICC2[2]
L
H
H
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 3, 4, 5]
L
H
H
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 3, 4, 5]
Notes
1. I/O state assumes OE < VIL. Activation of nonvolatile cycles does not depend on state of OE.
2. HSB STORE operation occurs only if an SRAM WRITE has been done since the last nonvolatile cycle. After the STORE (if any) completes, the part will go
into standby mode, inhibiting all operations until HSB rises.
3. CE and OE LOW and WE HIGH for output behavior.
4. The six consecutive addresses must be in the order listed. WE must be high during all six consecutive CE controlled cycles to enable a nonvolatile cycle.
5. While there are 15 addresses on the STK14C88-3, only the lower 14 are used to control software modes.
[+] Feedback
[+] Feedback


Numéro de pièce similaire - STK14C88-3NF45

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK14C88-3NF45 ETC-STK14C88-3NF45 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3NF45 SIMTEK-STK14C88-3NF45 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF45 SIMTEK-STK14C88-3NF45 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF45 CYPRESS-STK14C88-3NF45 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14C88-3NF45I ETC-STK14C88-3NF45I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
More results

Description similaire - STK14C88-3NF45

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com