Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK14C88 Fiches technique(PDF) 9 Page - Cypress Semiconductor

No de pièce STK14C88
Description  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88 Fiches technique(HTML) 9 Page - Cypress Semiconductor

Back Button STK14C88_11 Datasheet HTML 5Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 6Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 7Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 8Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 9Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 10Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 11Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 12Page - Cypress Semiconductor STK14C88_11 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 9 of 20
AutoStore/Power up RECALL
NO.
Symbols
Parameter
STK14C88
Unit
Notes
Standard
Alt.
Min
Max
27
tRESTORE
Power up RECALL Duration
550
s15
28
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
13, 16
29
tVSBL
Low Voltage Trigger (VSWITCH) to HSB
Low
300
ns
11
30
tDELAY
tBLQZ
Time Allowed to Complete SRAM
Cycle
1–
s13
31
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
32
VRESET
Low Voltage Reset Level
3.6
V
Figure 9. AutoStore/POWER UP RECALL
31
tDELAY
30
tVSBL
POWER UP
RECALL
BROWN OUT
NO STORE
(NO SRAM Writes)
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
AutoStore
HSB
W
29
tSTORE
28
tRESTORE
POWER UP RECALL
31
VSWITCH
27
VRESET
VCC
DQ (DATA OUT)
Notes
15. tRESTORE starts from the time VCC rises above VSWITCH.
16. HSB is asserted low for 1s when VCAP drops through VSWITCH. If an SRAM write has not taken place since the last nonvolatile cycle, HSB is released and no STORE
takes place.
[+] Feedback


Numéro de pièce similaire - STK14C88_11

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results

Description similaire - STK14C88_11

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com