Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDS166F Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KDS166F
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS166F Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KDS166F Datasheet HTML 1Page - KEC(Korea Electronics) KDS166F Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2006. 1. 13
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDS166F
SILICON EPITAXIAL PLANAR DIODE
Revision No : 0
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Small package : TFSV.
Low forward voltage.
Fast reverse recovery time.
Small total capacitance.
MAXIMUM RATING (Ta=25
)
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Surge Current (10mS)
IFSM
2
A
Power Dissipation
PD *
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.60
-
V
VF(2)
IF=10mA
-
0.72
-
VF(3)
IF=100mA
-
0.90
1.20
Reverse Current
IR
VR=80V
-
-
0.5
A
Total Capacitance
CT
VR=0V, f=1MHz
-
0.9
3.0
pF
Reverse Recovery Time
trr
IF=10mA
-
1.6
4.0
ns
* : Unit rating. Total rating=unit rating
1.5
DIM
MILLIMETERS
A
B
B1
A1
B1
C
TFSV
1.0 0.05
0.7 0.05
1.0 0.05
0.8 0.05
0.35
0.15 0.05
0.38+0.02/-0.04
B
D
H
T
0.1 0.05
+_
+_
+_
+_
+_
+_
1. ANODE 1
2. N.C
3. ANODE 2
4. CATHODE 2
5. CATHODE 1
Marking
SC
Lot No.
12
3
5
4
D1
D2


Numéro de pièce similaire - KDS166F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDS166F KEC-KDS166F_15 Datasheet
572Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Description similaire - KDS166F

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com