Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD135 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce BD135
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BD135 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  BD135 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2003. 6. 16
1/1
SEMICONDUCTOR
TECHNICAL DATA
BD135
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
FEATURES
High Current. (Max. : 1.5A)
Low Voltage (Max. : 45V)
DC Current Gain : hFE=40Min. @IC=0.15A
Complementary to BD136.
MAXIMUM RATING (Ta=25 )
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. EMITTER
2. COLLECTOR
3. BASE
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Φ3.2 0.1
3.5
11.0 0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75 0.15
2.3 0.1
0.65 0.15
1.6
3.4 MAX
B
1
23
+_
+_
+_
15.5 0.5
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1.5
A
Base Current
IB
0.5
A
Collector Power
Dissipation
Ta=25
PC
1.25
W
Tc=25
10
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=30V, IE=0
-
-
0.1
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
10
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=30mA, IB=0
45
-
-
V
DC Current Gain
hFE (1)
IC=5mA, VCE=2V
25
-
-
hFE (2)
IC=150mA, VCE=2V
40
-
250
hFE (3)
IC=500mA, VCE=2V
25
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
0.5
V
Base-Emitter Voltage
VBE
VCE=2V, IC=500mA
-
-
1.0
V
Transition Frequency
fT
VCE=5V, IC=50mA
-
190
-
MHz


Numéro de pièce similaire - BD135

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Inchange Semiconductor ...
BD135 ISC-BD135 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
BD135 JIANGSU-BD135 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Central Semiconductor C...
BD135 CENTRAL-BD135 Datasheet
235Kb / 2P
   NPN SILICON TRANSISTOR
More results

Description similaire - BD135

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com