Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FE-1000CW Fiches technique(PDF) 2 Page - Fujitsu Component Limited.

No de pièce FE-1000CW
Description  Cat5 Wide Band Extender
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FE-1000CW Fiches technique(HTML) 2 Page - Fujitsu Component Limited.

  FE-1000CW Datasheet HTML 1Page - Fujitsu Component Limited. FE-1000CW Datasheet HTML 2Page - Fujitsu Component Limited. FE-1000CW Datasheet HTML 3Page - Fujitsu Component Limited. FE-1000CW Datasheet HTML 4Page - Fujitsu Component Limited. FE-1000CW Datasheet HTML 5Page - Fujitsu Component Limited. FE-1000CW Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FE-1000CW Series
n
SPECIFICATIONS
Model
FE-1000CW
Part Number
NC14004-B721/U R
Unit
Local Extender(Transmitter)
Remote Extender(Receiver)
LED Display
Power (green)
1 each
1 each
Console
Keyboard
PS/2 Interface: Mini-Din 6pin,
Female x 1
PS/2 Interface: Mini-Din 6pin,
Female x 1
Sun I/O Interface: Mini-Din 8pin,
Female x 1
Sun I/O Interface: Mini-Din 8pin,
Female x 1
Mouse
PS/2 Interface: Mini-Din 6pin,
Female x 1
PS/2 Interface: Mini-Din 6pin,
Female x 1
Server / PC
port
Interface for
Server/PC
side
Keyboard
PS/2, USB, Sun USB and I/O
-
Mouse
PS/2, USB, Sun USB and I/O
-
Audio
Audio line out
-
Monitor
Analog RGB, Separate Sync and
Composite Sync.
-
Connector for
Unit side
Keyboard/Mouse/
Monitor
Mini D-Sub 15pin female,
required for unique cable for
support server
-
Monitor
Resolution, refresh rate
1600 x 1200 (max.), 75Hz
Signal supported
Separate Sync. and Coposite Sync.
Connection
between
Transmitter
and Receiver
unit
Data Transmission
Fujitsu Component Limited unique data transmission
Console control port
RJ45 (Cat5) 8 line x 1
Cable
Cat5E UTP cable
Distance
(by monitor
resolution)
UXGA: 1600x1200
200 m
SXGA: 1280x1024
300 m
XGA: 1024x768
300 m
Monitor
Graphic
adjustment
RGB Skew
-
Adjustable by control knob (max
@ 20ns), located inside unit. Open
the enclosures.
Gain Adjustment/Brightness
-
Adjustable by control knob on
front panel
Equalizer adjustment/Focus
-
Adjustable by control knob on
front panel
Keyboard Country Code
Supported by Dip Switch setting
-
Power Supply/Power Consumption
5VDC/0.7A (max.)
DC5V/0.7A (max),
Operating temperature/Humidity
0 to 40 degrees C, 20 to 80 %RH (must be free of condensation)
Storage temperature
-20 to 60 degrees C
Size(WxDxH)
110 x 100 x 25 mm, (0.33 Kg)
110 x 100 x 25 mm, (0.36 Kg)
Included accessories
1 adaptor (AC power cable not included, must be purchased
separately for specific country support), User manual, 1 masking
sticker, 1 cable clamp, 1 adjustment Stylus, 1 ferrite cores


Numéro de pièce similaire - FE-1000CW

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
   LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Vecow Co., Ltd.
FE-1071 VECOW-FE-1071 Datasheet
246Kb / 1P
   2-port 10 GigE SFP LAN Card with Intel X710-BM2 Controllers
logo
PREMO CORPORATION S.L
FE-10X PREMO-FE-10X Datasheet
127Kb / 1P
   General Purpose
FE-10Z PREMO-FE-10Z Datasheet
127Kb / 1P
   General Purpose
More results

Description similaire - FE-1000CW

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
FE-2000CW FUJITSU-FE-2000CW Datasheet
387Kb / 6P
   Cat5 Wide Band Extender
NC14003-B713 FUJITSU-NC14003-B713 Datasheet
67Kb / 4P
   Cat5 Extender Unit - NC14003-B713
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
   USB over Cat5 Extender Kit
B165101 TRIPPLITE-B165101 Datasheet
489Kb / 2P
   Serial over Cat5-Cat6 RS232 Extender, Transmitter and Receiver
B1262A0 TRIPPLITE-B1262A0 Datasheet
510Kb / 3P
   2-Port HDMI over Cat5 Active Extender, Remote Unit
0DT60001 TRIPPLITE-0DT60001 Datasheet
506Kb / 2P
   USB VGA over Cat5 UTP KVM Console Extender Kit - 500-ft
0DT23001 TRIPPLITE-0DT23001 Datasheet
490Kb / 2P
   PS2 VGA over Cat5 UTP KVM Console Extender Kit - 360-ft
B140110 TRIPPLITE-B140110 Datasheet
507Kb / 2P
   DVI over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1080 at 60Hz
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
Taoglas antenna solutio...
CGGP.35.3.A.02 TAOGLAS-CGGP.35.3.A.02 Datasheet
1Mb / 11P
   wide-band operation
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com