Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55211IRTZ-EVAL1Z Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL55211IRTZ-EVAL1Z
Description  Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55211IRTZ-EVAL1Z Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL55211IRTZ-EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 14Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL55211
11
FN7868.0
June 21, 2011
Working with a transformer coupled input as shown in Figure 29,
or with two DC blocking caps from a differential source, means
the output common mode voltage set by either the default
internal VCM setting, or a voltage applied to the VCM control pin,
will also appear as the input common mode voltage. This
provides a very easy way to control the ISL55211 I/O common
mode operating voltages for an AC-coupled signal path. The
internal common mode loop holds the output pins to VCM and,
since there is no DC path for an ICM current back towards the
input in Figure 29, that VCM setting will also appear as the input
common mode voltage. It is useful, for this reason, to leave any
input transformer secondary centertap unconnected. The
internally set VCM voltage is referenced from the negative supply
pin. With a single 3.3V supply, it is very close to 1.2V but will
change with total supply voltage across the device as shown in
Figure 27.
Most of the characterization curves starting with Figure 29 then
get different gains by changing the connections to the two pairs
of input RG connections, as shown on the pin configuration
drawing on page 2. Two input turns ratios are intended for Test
Circuit 1; either a 1:1.4 turns ratio (ohms ratio of 2) or a 1:2 turns
ratio (ohm ratio of 4). The specific transformers shown in
Figure 29 are representative of broadband RF transformers but
alternate devices and manufacturers of these turns ratio devices
are certainly applicable. The output side of this test circuit
presents a differential 200Ω load while converting the
differential to single-ended through a resistive attenuator and a
1:1 transformer. This inserts approximately a 17dB insertion loss
that is removed to report the characteristic curves. For load tests
below the 200Ω shown in Figure 29, a simple added shunt
resistor is placed across the output pins. For loads > 200Ω, the
series and shunt load R's are adjusted to show that total load
(including the 50Ω measurement load reflected through the 1:1
output measurement port transformer) and provide an apparent
50Ω differential source to that transformer. This output side
transformer is for measurement purposes only and is not
necessary for final applications circuits. There are output
interface designs that do benefit from a transformer as part of
the signal path as shown in Figure 1. In that case, the 1:1:4
output side transformer becomes part of a filter design and
recovers the filter insertion loss from the amplifier output pins to
the ADC inputs.
Where just the amplifier is tested, a 4-port network analyzer is
used and the very simple test circuit of Figure 30 is
implemented. This is used to measure the differential S21 curves
vs gain of Figure 17 and as a simulation circuit for the differential
output impedance vs gain of Figure 18. Changing the gain is a
simple matter of adjusting the connections to the four input RG
connections resistors, as shown in Table 1. This circuit depends
on the two AC-coupled source 50
Ω of the 4 port network analyzer
and presents an AC-coupled differential 100
Ω load to the
amplifier as the input impedance of the remaining two ports of
the network analyzer.
Using this measurement allows the small single bandwidth of
just the ISL55211 to be exposed. Many of the other
measurements are using I/O transformers that are limiting the
apparent bandwidth to a reduced level. Figure 17 shows the 3
normalized differential S21 curves for the possible internal gains
of 9dB, 14dB and 15dB. The small signal bandwidth is remaining
nearly constant at 1.4GHz due to the internal capacitive
feedback network.
The closed loop differential output impedance of Figure 18 is
simulated using Figure 30 in ADS. This shows a relatively low
output impedance (< 1Ω through 100MHz) constant with signal
gain setting. Typical FDA outputs show a closed loop output
impedance that increases with signal gain setting. The ISL55211
holds a more constant response due to internal design elements
unique to this device.
Common mode output measurements are made using the circuit
in Figure 31. Here, the outputs are summed together through two
100Ω resistors (still a 200Ω differential load) to a center point
where the average, or common mode, output voltage may be
sensed. This is coupled through a 1µF DC blocking capacitor and
measured using 50Ω test equipment. The common mode source
impedance for this circuit is the parallel combination of the
2-100Ω elements, or 50Ω. Figure 19 uses this circuit to measure
the small and large signal response from the VCM control pin to
the output common mode. This pin includes an internal 50pF
capacitor on the default bias network (to filter supply noise when
there is no connection to this pin), which bandlimits the response
to approximately 30MHz. This is far lower than the actual
bandwidth of the common mode loop. Figure 20 uses this output
FIGURE 29. TEST CIRCUIT 1
50
1µF
1:1.4
1µF
1µF
85
ISL55211
+3.3V
+
-
Vi
35
35
ADT2-
1T
or
ADT4-
1Wt
0.1µF
VCM
500
500
35mA
115mW
1:1
ADT1-
1WT
50
1µF Vm
VO
RG
RG
PD
0.2pF
0.2pF
RT
200
85
10k
FIGURE 30. TEST CIRCUIT 2 4-PORT S-PARAMETER
MEASUREMENTS
ISL55211
+3.3V
+
-
50
50
VCM
RF
RF
50
1/2 of a 4-port
S-parameter
1/2 of a 4-port
S-parameter
10k
PD
RG
RG
RT
50


Numéro de pièce similaire - ISL55211IRTZ-EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55211IRTZ-EVAL1Z INTERSIL-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211IRTZ-EVAL1Z RENESAS-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results

Description similaire - ISL55211IRTZ-EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com