Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISLA216P25 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISLA216P25
Description  12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216P25 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISLA216P25 Datasheet HTML 1Page - Intersil Corporation ISLA216P25 Datasheet HTML 2Page - Intersil Corporation ISLA216P25 Datasheet HTML 3Page - Intersil Corporation ISLA216P25 Datasheet HTML 4Page - Intersil Corporation ISLA216P25 Datasheet HTML 5Page - Intersil Corporation ISLA216P25 Datasheet HTML 6Page - Intersil Corporation ISLA216P25 Datasheet HTML 7Page - Intersil Corporation ISLA216P25 Datasheet HTML 8Page - Intersil Corporation ISLA216P25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ISLA212P50
4
FN7843.1
May 25, 2011
Pin Configuration - CMOS MODE
ISLA212P50
(72 LD QFN)
TOP VIEW
72
71
70
69
68
67
66
65
64
63
62
61
60
59
D1
DNC
D2
DNC
D3
DNC
CLKOUT
DNC
RLVDS
OVSS
D4
DNC
D5
DNC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC
DNC
NAPSLP
VCM
AVSS
AVDD
AVSS
VINN
VINN
VINP
VINP
AVSS
AVDD
AVSS
19
20
21
22
23
24
25
26
27
28
29
30
31
32
15
16
17
18
CLKDIV
IPTAT
DNC
RESETN
33
34
35
36
D6
DNC
D7
DNC
40
39
38
37
58
57
56
55
Connect Thermal Pad to AVSS
Thermal Pad Not Drawn to Scale,
Consult Mechanical Drawing
for Physical Dimensions
Pin Descriptions - 72 Ld QFN, CMOS Mode
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
1, 2, 17, 28, 30, 33, 35, 37, 39, 41,
43, 47, 49, 51, 53, 55, 57, 58, 59,
60, 63
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71, 72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output


Numéro de pièce similaire - ISLA216P25

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P25 RENESAS-ISLA216P25 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Description similaire - ISLA216P25

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISLA214P50_1103 INTERSIL-ISLA214P50_1103 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com