Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UFT15010 Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce UFT15010
Description  Ultrafast Recovery Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UFT15010 Fiches technique(HTML) 1 Page - Microsemi Corporation

  UFT15010 Datasheet HTML 1Page - Microsemi Corporation UFT15010 Datasheet HTML 2Page - Microsemi Corporation UFT15010 Datasheet HTML 3Page - Microsemi Corporation UFT15010 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ROHS Compliant
Baseplate: Nickel plated copper,
D
F
H
G
R
J
B
Pins: Nickel plated copper
common cathode
Notes:
K
N 4 Places
C
A
E
to Lead C
Notes
0.505
0.495
12.57
C
0.890
R
J
0.490
0.035
0.175
0.330
0.240
M
P
N
K
L
0.182
1.490
---
0.120
2.390
0.990
F
H
G
D
E
22.61
23.11
0.910
0.400
0.350
0.045
0.195
0.510
0.260
8.38
0.89
4.45
12.45
6.10
2.410
1.510
0.130
0.192
1.010
60.71
37.85
---
3.05
4.62
25.15
10.16
12.95
1.14
4.95
8.90
6.60
4.88
38.35
3.30
61.21
25.65
12.83
Dim. Inches
Min.
0.300
1.995
B
A
Millimeters
Max.
0.325
2.005
Min.
7.62
50.67
Max.
8.26
50.93
Dia.
L
Dia.
Electrical Characteristics
Ultrafast Recovery Modules
UFT150, 151 & 152
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Add Suffix A for Common Anode, D for Doubler
0
R JC
Typical thermal resistance per pkg
Typical thermal resistance (greased)
Mounting Torque
Weight
R CS
0
Average forward current per leg
Max reverse recovery time per leg
800V
Maximum surge current per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Average forward current per pkg
Operating junction temp range
Max thermal resistance per leg
Typical Junction capacitance
Storage temp range
Case Temperature
UFT15280*
T
R
R
T
JC
JC
0
J
0
STG
J
I RM
C
RM
I
300pF
V
I
150A
F(AV)
trr
FM
F(AV)
FSM
T C
I
I
50ns
.975V
75A
1000A
120°C
800V
UFT150
700V
600V
500V
400V
300V
200V
150V
100V
Reverse Voltage
Working Peak
UFT15270*
UFT15260*
UFT15020*
UFT15015*
UFT15010*
Catalog Number
Microsemi
UFT15150*
UFT15140*
UFT15130*
Repetitive Peak
Reverse Voltage
700V
150V
200V
300V
400V
500V
600V
100V
Junction to case
0.8°C/W
2.5 ounces (71 grams) typical
0.1°C/W
15-20 inch pounds
Case to sink
-55°C to 175°C
0.85°C/W
1/2A, 1A, 1/4A, J = 25°C
V
-55°C to 175°C
0.425°C/W
150pF
150pF
3.0mA
25µA
75A
75ns
1.35V
700A
95°C
150A
UFT152
150A
1.25V
100°C
60ns
75A
800A
UFT151
Junction to case
R = 10V, J = 25°C
RRM, J = 25°C
RRM, J = 125°C*
Junction to case
V
V
T
T
T
0JC = 0.85°C/W
FM = 70A: J = 25°C*
8.3ms, half sine, J = 175°C
Square Wave
Square Wave
I
R
T
T
T
2 X 75 Amp current rating
High surge capacity
RRM 100 to 800 Volts
Ultra Fast Recovery
175°C Junction Temperature
V
Max thermal resistance per leg
D=Doubler
A=Common Anode
Common Cathode
1
2
1
2
1
2
3
3
3
1
3
January, 2010 - Rev. 3
www.microsemi.com


Numéro de pièce similaire - UFT15010

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UFT15010 MICROSEMI-UFT15010 Datasheet
226Kb / 4P
   ULTRA FAST RECOVERY MODULES
More results

Description similaire - UFT15010

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
   Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
   Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT210 MICROSEMI-UFT210_10 Datasheet
216Kb / 4P
   Ultrafast Recovery Modules
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com