Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UFT7120 Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce UFT7120
Description  Ultrafast Recovery Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UFT7120 Fiches technique(HTML) 1 Page - Microsemi Corporation

  UFT7120 Datasheet HTML 1Page - Microsemi Corporation UFT7120 Datasheet HTML 2Page - Microsemi Corporation UFT7120 Datasheet HTML 3Page - Microsemi Corporation UFT7120 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ROHS Compliant
Ultrafast Recovery Modules
Electrical Characteristics
F(AV)
F(AV)
C
FSM
FM
rr
RM
J
RM
Thermal and Mechanical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
UFT70, 71 & 72
R
Mounting Torque
Typical thermal resistance (greased)
Weight
0CS
Average forward current per pkg
Average forward current per leg
Case Temperature
Maximum surge current per leg
Max peak forward voltage per leg
Max reverse recovery time per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Max thermal resistance per leg
Max thermal resistance per pkg
Operating junction temp range
Storage temp range
0JC
0JC
R
R
J
T
STG
T
C
I
V
t
I
T
I
I
I
Catalog Number
Microsemi
UFT7015*
UFT7010*
Reverse Voltage
Working Peak
150V
100V
Square Wave
Square Wave
Case to sink
10 inch pounds maximum
0.3 ounce (8.4 grams) typical
0.3°C/W
8.3 ms, half sine,
J = 175°C
FM = 35A:
J = 25°C
1/2A, 1A, 1/4A,
J = 25°C
RRM,
J = 125°C
RRM,
J = 25°C
R = 10V,
J = 25°C
T
Junction to case
Junction to case
1.0°C/W
0.5°C/W
-55°C to 175°C
-55°C to 175°C
V
V
T
V
I
T
T
T
T
*
RRM 100 to 800 Volts
175°C Junction temperature
Repetitive Peak
Reverse Voltage
150V
100V
Ultra Fast Recovery
2 X 35 Amp current rating
Common Cathode
A=Common Anode
D=Doubler
N 2-PLCS
L
3 PINS eq sp at .200
K
C
G
M
H
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Notes
Dia.
9.40
8.89
.350
E
.370
.025
.161
.085
.480
.135
.260
.098
.715
1.510
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.065
.088
.240
.115
1.490
.695
3.84
0.38
11.68
1.65
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
2.16
18.16
38.35
2.49
6.60
3.43
1.195
Maximum
.037
Dim. Inches
3
C
A
Minimum
1.180
.027
Minimum
Millimeter
29.97
0.69
30.35
Maximum
0.94
*Add the Suffix A for Common Anode, D for Doubler
UFT7020*
200V
200V
300V
300V
400V
400V
UFT7250*
500V
500V
UFT7260*
600V
600V
UFT7270*
700V
700V
UFT7280*
800V
800V
UFT7120*
UFT7130*
UFT7140*
UFT7150*
V
ROJC = 1.0°C/W
UFT70
UFT71
UFT72
70A
70A
70A
35A
35A
35A
148°C
142°C
138°C
700A
600A
500A
.95V
1.20V
1.35V
50ns
60ns
75ns
3.0mA
25µA
300pF
120pF
115pF
January, 2010 - Rev. 3
www.microsemi.com


Numéro de pièce similaire - UFT7120

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UFT7120 MICROSEMI-UFT7120 Datasheet
212Kb / 4P
   ULTRA FAST RECOVERY MODULES
UFT7120SM MICROSEMI-UFT7120SM Datasheet
228Kb / 4P
   ULTRA FAST RECOVERY MODULES
UFT7120SM1 MICROSEMI-UFT7120SM1 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT7120SM2 MICROSEMI-UFT7120SM2 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT7120SM3 MICROSEMI-UFT7120SM3 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
More results

Description similaire - UFT7120

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
   Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
   Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT210 MICROSEMI-UFT210_10 Datasheet
216Kb / 4P
   Ultrafast Recovery Modules
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com