Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC284XAY Fiches technique(PDF) 6 Page - Microsemi Corporation

No de pièce UC284XAY
Description  CURRENT MODEPWM CONTROLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UC284XAY Fiches technique(HTML) 6 Page - Microsemi Corporation

  UC284XAY Datasheet HTML 1Page - Microsemi Corporation UC284XAY Datasheet HTML 2Page - Microsemi Corporation UC284XAY Datasheet HTML 3Page - Microsemi Corporation UC284XAY Datasheet HTML 4Page - Microsemi Corporation UC284XAY Datasheet HTML 5Page - Microsemi Corporation UC284XAY Datasheet HTML 6Page - Microsemi Corporation UC284XAY Datasheet HTML 7Page - Microsemi Corporation UC284XAY Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C URRENT M ODE PWM C ONTROLLER
UC184xA/284xA/384xA
PRODUCT DA T ABOOK 1996/1997
Copyright © 1995
Rev. 1.2a 10/25
6
P RODUCTION D ATA S HEET
TYPICAL APPLICATION CIRCUITS
FIGURE 3. — CURRENT SENSE SPIKE SUPPRESSION
FIGURE 4. — MOSFET PARASITIC OSCILLATIONS
6
Q1
V
CC
DC BUS
5
R
S
R
1
UCx84xA
7
UCx84xA
3
5
6
7
R
S
C
Q1
V
CC
DC BUS
I
PK
I
PK(MAX) =
1.0V
R
S
CHANGE
FIGURE 5. — EXTERNAL DUTY CYCLE CLAMP AND MULTI-UNIT SYNCHRONIZATION
A resistor (R
1) in series with the MOSFET gate will reduce overshoot
& ringing caused by the MOSFET input capacitance and any
inductance in series with the gate drive. (Note: It is very important to
have a low inductance ground path to insure correct operation of the
I.C. This can be done by making the ground paths as short and as
wide as possible.)
The RC low pass filter will eliminate the leading edge current spike
caused by parasitics of Power MOSFET.
f = (R
A + 2RB)C
1.44
f = R
A + 2RB
R
B
Precision duty cycle limiting as well as synchronizing several parts is
possible with the above circuitry.
2
6
7
R
B
R
A
5
1
84
3
555
TIMER
4
5
8
To other
UCx84xA devices
0.01
UCx84xA


Numéro de pièce similaire - UC284XAY

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UC284XA MICROSEMI-UC284XA Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
STMicroelectronics
UC284XA STMICROELECTRONICS-UC284XA Datasheet
174Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May 2004 REV. 5
More results

Description similaire - UC284XAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
FSCTXXA-UH5 STMICROELECTRONICS-FSCTXXA-UH5 Datasheet
114Kb / 11P
   FAN SPEED CONTROLER
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
   6-CHANNEL DC-DC CONVERTER CONTROLER IC
logo
Central Semiconductor C...
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
   HIGH CURRENT CURRENT LIMITING DIODE
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Riedon Powertron
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Riedon Powertron
RSB-300-50 RIEDON-RSB-300-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com