Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC284XAY Fiches technique(PDF) 5 Page - Microsemi Corporation

No de pièce UC284XAY
Description  CURRENT MODEPWM CONTROLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UC284XAY Fiches technique(HTML) 5 Page - Microsemi Corporation

  UC284XAY Datasheet HTML 1Page - Microsemi Corporation UC284XAY Datasheet HTML 2Page - Microsemi Corporation UC284XAY Datasheet HTML 3Page - Microsemi Corporation UC284XAY Datasheet HTML 4Page - Microsemi Corporation UC284XAY Datasheet HTML 5Page - Microsemi Corporation UC284XAY Datasheet HTML 6Page - Microsemi Corporation UC284XAY Datasheet HTML 7Page - Microsemi Corporation UC284XAY Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C URRENT M ODE PWM C ONTROLLER
UC184xA/284xA/384xA
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1995
Rev. 1.2a 10/25
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR VES
FIGURE 1. — OSCILLATOR FREQUENCY vs. TIMING
RESISTOR
300
3.0k
100k
0
100k
R
T - (ohms)
10k
1M
1.0k
10.0k
30.0k
C
T = 1nF
C
T = 2.2nF
C
T = 4.7nF
FIGURE 2. — MAXIMUM DUTY CYCLE vs. TIMING RESISTOR
300
3.0k
100k
0
40.0
R
T - (ohms)
20.0
60.0
1.0k
10.0k
30.0k
80.0
100.0
Note: Output drive frequency is half the oscillator frequency for
the UCx844A/5A devices.
8
4
5
V
REF
R
T/CT
GROUND
R
T
C
T
For R
T > 5k, f »
1.72
R
T CT


Numéro de pièce similaire - UC284XAY

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UC284XA MICROSEMI-UC284XA Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
STMicroelectronics
UC284XA STMICROELECTRONICS-UC284XA Datasheet
174Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May 2004 REV. 5
More results

Description similaire - UC284XAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
FSCTXXA-UH5 STMICROELECTRONICS-FSCTXXA-UH5 Datasheet
114Kb / 11P
   FAN SPEED CONTROLER
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
   6-CHANNEL DC-DC CONVERTER CONTROLER IC
logo
Central Semiconductor C...
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
   HIGH CURRENT CURRENT LIMITING DIODE
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Riedon Powertron
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Riedon Powertron
RSB-300-50 RIEDON-RSB-300-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com