Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3X3MLPQ-16L-TR Fiches technique(PDF) 10 Page - Microsemi Corporation

No de pièce 3X3MLPQ-16L-TR
Description  SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

3X3MLPQ-16L-TR Fiches technique(HTML) 10 Page - Microsemi Corporation

Back Button 3X3MLPQ-16L-TR Datasheet HTML 3Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 4Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 5Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 6Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 7Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 8Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 9Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 10Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LX2750
Microsemi
Analog Mixed Signal Group
10
Rev. 1.0a
07/14/10
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
10
100
1000
10000
OUTPUTCURRENT(mA)
FCCM=HIGH
FCCM=LOW
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100
1000
10000
OUTPUTCURRENT(mA)
FCCM=HIGH
FCCM=LOW
Demoboard waveforms(Cont')
Fig. 10 SW dynamic response when
MODE=0V,FCCM=0V, load from 3mA to 10A(CH1
SW VOUT AC 20mV/DIV, CH4 INDUCTOR
CURRENT 5A/DIV)
Fig. 11 SW dynamic response when
MODE=5V,FCCM=0V, load from 8mA to 10A(CH1
SW VOUT AC 50mV/DIV, CH4 INDUCTOR CUR-
RENT 5A/DIV)
Fig. 12 LDO dynamic response when LDO load
from 0.1A to 1A (CH1 LDODRV 1V/DIV, CH2 LDO
VOUT AC 100mV/DIV, CH4 OUTPUT CURRENT
1A/DIV)
Fig. 13 Line transient when MODE=5V(CH1 VIN
5V/DIV, CH4 SW VOUT AC 50mV/DIV)
Fig. 14 Efficiency when MODE=5V
Fig. 15 Efficiency when MODE=0V


Numéro de pièce similaire - 3X3MLPQ-16L-TR

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
3X38FTR AGERE-3X38FTR Datasheet
869Kb / 64P
   OCTAL-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
More results

Description similaire - 3X3MLPQ-16L-TR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Microsemi Corporation
NX2710 MICROSEMI-NX2710 Datasheet
747Kb / 23P
   SINGLE CHANNEL PWM CONTROLLER WITH NMOS LDO CONTROLLER AND 5V BIAS REGULATOR
logo
Anpec Electronics Corop...
APW8724 ANPEC-APW8724 Datasheet
379Kb / 22P
   Common single PWM Controller with Multiform supply Voltage
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Anpec Electronics Corop...
APW8727 ANPEC-APW8727 Datasheet
395Kb / 23P
   Synchronous single PWM Controller with Multiform supply Voltage
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com