Moteur de recherche de fiches techniques de composants électroniques |
|
FST8140SMA Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
FST8140SMA Fiches technique(HTML) 2 Page - Microsemi Corporation |
2 / 2 page 25 C 150 C Instantaneous Forward Voltage - Volts 1000 800 600 400 200 100 80 60 40 20 10 8.0 6.0 4.0 2.0 1.0 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 Typical Forward Characteristics - Per Leg Figure 1 DC 60 90 120 180 Average Forward Current - Amperes 50 45 40 35 30 25 20 15 10 0.5 0 150 140 130 120 110 100 90 80 Figure 3 Forward Current Derating - Per Leg 50 100 5.0 10 1.0 0.5 10000 6000 4000 2000 1000 600 400 200 100 Typical Junction Capacitance - Per Leg Figure 4 0.1 150 C 125 C 75 C 25 C 1000 100 10 1.0 0.1 Figure 2 .01 0 10 20 30 40 50 Reverse Voltage - Volts DC 60 90 120 180 Maximum Forward Power Dissipation - Per Leg Figure 5 0 5.0 10 15 20 25 30 35 0 5.0 10 15 20 25 30 35 40 45 50 Average Forward Current - Amperes Typical Reverse Characteristics - Per Leg Reverse Voltage - Volts FST81SM1 - SM6 January, 2010 - Rev. 4 www.microsemi.com |
Numéro de pièce similaire - FST8140SMA |
|
Description similaire - FST8140SMA |