Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51206DSQT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51206DSQT
Description  2-A Peak Sink/Source DDR Termination Regulator with VTTREF Buffered Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51206DSQT Fiches technique(HTML) 2 Page - Texas Instruments

  TPS51206DSQT Datasheet HTML 1Page - Texas Instruments TPS51206DSQT Datasheet HTML 2Page - Texas Instruments TPS51206DSQT Datasheet HTML 3Page - Texas Instruments TPS51206DSQT Datasheet HTML 4Page - Texas Instruments TPS51206DSQT Datasheet HTML 5Page - Texas Instruments TPS51206DSQT Datasheet HTML 6Page - Texas Instruments TPS51206DSQT Datasheet HTML 7Page - Texas Instruments TPS51206DSQT Datasheet HTML 8Page - Texas Instruments TPS51206DSQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS51206
SLUSAH1
– MAY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)(2)
ORDERABLE
TA
PACKAGE
PINS
OUTPUT SUPPLY
QUANTITY
DEVICE NUMBER
TPS51206DSQR
3000
–40°C to 85°C
Plastic SON
10
Tape and Reel
TPS51206DSQT
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
MIN
MAX
VDD, S3, S5
–0.3
7
V
Input voltage range(2)
VLDOIN, VTTSNS, VDDQSNS
–0.3
3.6
PGND
–0.3
0.3
V
Output voltage range(2)
VTT, VTTREF
–0.3
3.6
HBM QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic discharge
CDM QSS 009-147 (JESD22-C101B.01)
500
V
Junction temperature, TJ
125
˚C
Operating free-air temperature, TA
–55
150
˚C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDD
3.1
6.5
V
Input voltage range(1)
S3, S5
–0.1
6.5
V
VLDOIN, VTTSNS, VDDQSNS
–0.1
3.5
PGND
–0.1
0.1
Output voltage
VTT, VTTREF
–0.1
3.5
V
range(1)
Operating free-air temperature, TA
–40
85
°C
(1)
All voltage values are with respect to the network ground terminal unless otherwise noted.
THERMAL INFORMATION
TPS51206
THERMAL METRIC(1)
DSQ
UNITS
10 PINS
θJA
Junction-to-ambient thermal resistance
70.3
θJCtop
Junction-to-case (top) thermal resistance
46.3
θJB
Junction-to-board thermal resistance
33.8
°C/W
ψJT
Junction-to-top characterization parameter
2.9
ψJB
Junction-to-board characterization parameter
33.5
θJCbot
Junction-to-case (bottom) thermal resistance
16.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS51206


Numéro de pièce similaire - TPS51206DSQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS51200 TI-TPS51200 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
More results

Description similaire - TPS51206DSQT

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS7H3301-SP_016 TI1-TPS7H3301-SP_016 Datasheet
1Mb / 28P
[Old version datasheet]   Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com