Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51206 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51206
Description  2-A Peak Sink/Source DDR Termination Regulator with VTTREF Buffered Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51206 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS51206 Datasheet HTML 5Page - Texas Instruments TPS51206 Datasheet HTML 6Page - Texas Instruments TPS51206 Datasheet HTML 7Page - Texas Instruments TPS51206 Datasheet HTML 8Page - Texas Instruments TPS51206 Datasheet HTML 9Page - Texas Instruments TPS51206 Datasheet HTML 10Page - Texas Instruments TPS51206 Datasheet HTML 11Page - Texas Instruments TPS51206 Datasheet HTML 12Page - Texas Instruments TPS51206 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
V
VTTREF(500 mV/div)
Time (40 ms/div)
V
VTT (500 mV/div)
V
S5 (5 V/div)
V
S3 (5 V/div)
I
VTTREF= 0 A
S5: Low to High
I
VTTREF= 0 A
I
VTT = 0 A
S3: Low to High
V
VTTREF(500 mV/div)
V
VTT (500 mV/div)
V
S5 (5 V/div)
V
S3 (5 V/div)
Time (1 ms/div)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.0
0.5
1.0
1.5
2.0
VTT Current (A)
VOUT = 0.900 V
VOUT = 0.750 V
VOUT = 0.675 V
VOUT = 0.600 V
TA = 25°C
VVDD = 5 V
I
VTTREF= 0 A
I
VTT = 0 A
S3/S5: High to Low
V
VTTREF (500 mV/div)
V
VTT (500 mV/div)
V
S5 (5 V/div)
V
S3 (5 V/div)
Time (2 s/div)
TPS51206
www.ti.com
SLUSAH1
– MAY 2011
TYPICAL CHARACTERISTICS (continued)
Figure 19. Start-Up Waveforms (S5: Low to High)
Figure 20. Start-Up Waveforms (S3: Low to High)
Figure 21. Shutdown Waveforms (S3/ S5: High to Low)
Figure 22. VTT Dropout Voltage
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS51206


Numéro de pièce similaire - TPS51206

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS51200 TI-TPS51200 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
More results

Description similaire - TPS51206

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS7H3301-SP_016 TI1-TPS7H3301-SP_016 Datasheet
1Mb / 28P
[Old version datasheet]   Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com