Moteur de recherche de fiches techniques de composants électroniques |
|
TPS24701 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPS24701 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 29 page 1 2 3 4 8 7 6 5 PGb EN TIMER GND VCC SENSE GATE OUT DGK Package (Top View) TPS2470x R 2 m SENSE M CSD16403Q5 1 OUT GATE SENSE PGb TIMER GND EN R 18.7 2 k R 130 k 1 V IN V OUT R 4 3.01 k VCC V UVLO LMT FAULT = 10.8 V I = 12 A t = 7.56 ms 3 V R GATE 10 C 1 0.1 F C OUT 470 F C T 56 nF TPS24700 TPS24701 www.ti.com SLVSAL3B – MARCH 2011 – REVISED MAY 2011 2.5-V to 18-V High-Efficiency Hot-Swap Controller Check for Samples: TPS24700, TPS24701 1 FEATURES APPLICATIONS • 2.5-V to 18-V Operation • Server Backplanes • Accurate Current Limiting for Starup • Storage Area Networks (SAN) • Accurate 25-mV Current Sense Threshold • Medical Systems • Timed Overcurrent Breaker • Plug-In Modules • Power-Good Output • Base Stations • Fast Breaker for Short-Circuit Protection • Consumer Electronics • Latch Off (TPS24700) and Retry Versions (TPS24701) • Programmable UV Threshold • Drop-In Upgrade for LTC4211 – No Layout Changes • Small MSOP-8 Package DESCRIPTION The TPS24700/1 is an easy-to-use, 2.5 V to 18 V, hot-swap controller that drives an external N-channel MOSFET. The programmable current limit and fault time protect the supply and load from excessive current at startup. After startup, currents above the user-selected limit are allowed to flow until programmed timeout – except in extreme overload events when load is immediately disconnected from source. The low, 25-mV current sense threshold is highly accurate and allows use of smaller, more-efficient sense resistors, yielding lower power loss and smaller footprint. A power-good output is provided for status monitoring and downstream load control. TPS24700/1 replaces the LTC4211 in existing designs with no PCB board changes and only minor external component changes – yielding a more accurate, efficient solution. Text for Spacing Text for Spacing TYPICAL APPLICATION OF TPS24700/1 (12 V AT 10 A) PINOUT 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TPS24701 |
|
Description similaire - TPS24701 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |