Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS24701 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS24701
Description  2.5-V to 18-V High-Efficiency Hot-Swap Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24701 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS24701 Datasheet HTML 4Page - Texas Instruments TPS24701 Datasheet HTML 5Page - Texas Instruments TPS24701 Datasheet HTML 6Page - Texas Instruments TPS24701 Datasheet HTML 7Page - Texas Instruments TPS24701 Datasheet HTML 8Page - Texas Instruments TPS24701 Datasheet HTML 9Page - Texas Instruments TPS24701 Datasheet HTML 10Page - Texas Instruments TPS24701 Datasheet HTML 11Page - Texas Instruments TPS24701 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
400
600
800
1000
1200
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
T = 25°C
T = 125°C
T = –40°C
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
0
1
2
3
4
5
T = 25°C
T = 125°C
T = –40°C
23.5
24
24.5
25
25.5
26
26.5
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
Voltage, V
(mV)
(VCC –
)
SENSE
40
32
24
16
8
0
8
16
24
32
40
0
5
10
15
20
25
30
35
40
45
50
55
T = 25°C
T = 125°C
Gate Current at Current Limiting
V
Voltage = 12 V
VCC
T = –40°C
10
0
10
2
0
3
0
4
0
0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.25
0.2
0.15
0.1
0.05
0
0.05
0.1
0.15
0.2
0.25
Time (µs)
V
(
)
VCC
SENSE
T = 125°C
T = –40°C
T = 25°C
V
= 12 V
VCC
10
0
10
2
0
3
0
4
0
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
0.25
0.2
0.15
0.1
0.05
0
0.05
0.1
0.15
0.2
0.25
Time (µs)
V
= 3.3 V
VCC
V
(
)
VCC – SENSE
T = 125°C
T = –40°C
T = 25°C
TPS24700
TPS24701
SLVSAL3B
– MARCH 2011 – REVISED MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 5. Supply Current vs Input Voltage at Normal
Figure 6. Supply Current vs Input Voltage at Shutdown
Operation (EN = High)
(EN = 0 V)
Figure 7. Voltage Across RSENSE in Inrush Current
Figure 8. Gate Current vs Voltage Across RSENSE During
Limiting vs Temperature
Inrush Current Limiting
Figure 9. Gate Current During Fast Trip,
Figure 10. Gate Current During Fast Trip,
VVCC = VGATE = 12 V
VVCC = VGATE = 3.3 V
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS24700 TPS24701


Numéro de pièce similaire - TPS24701

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Description similaire - TPS24701

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com