Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22924B Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS22924B
Description  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22924B Fiches technique(HTML) 5 Page - Texas Instruments

  TPS22924B Datasheet HTML 1Page - Texas Instruments TPS22924B Datasheet HTML 2Page - Texas Instruments TPS22924B Datasheet HTML 3Page - Texas Instruments TPS22924B Datasheet HTML 4Page - Texas Instruments TPS22924B Datasheet HTML 5Page - Texas Instruments TPS22924B Datasheet HTML 6Page - Texas Instruments TPS22924B Datasheet HTML 7Page - Texas Instruments TPS22924B Datasheet HTML 8Page - Texas Instruments TPS22924B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPS22924B
www.ti.com
SLVSAR3A
– APRIL 2011 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
VIN = 0.75 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1)
MAX
UNIT
VIN = 3.6 V
75
160
VIN = 2.5 V
42
70
VIN = 1.8 V
50
350
IIN
Quiescent current
IOUT = 0, VIN = VON
Full
µA
VIN = 1.2 V
95
200
VIN = 1.0 V
65
110
VIN = 0.75 V
35
70
IIN(LEAK)
OFF-state supply current VON = GND, OUT = 0V
Full
3.5
µA
25
°C
18.3
19.7
VIN = 3.6 V
Full
26.0
25
°C
18.5
19.5
VIN = 2.5 V
Full
25.8
25
°C
19.6
21.8
VIN = 1.8 V
Full
27.4
rON
ON-state resistance
IOUT = -200 mA
m
Ω
25
°C
19.4
21.8
VIN = 1.2 V
Full
28.0
25
°C
20.3
21.2
VIN = 1.0 V
Full
28.6
25
°C
22.7
25.3
VIN = 0.75 V
Full
34.8
Output pulldown
rPD
VIN = 3.3 V, VON = 0, IOUT = 3 mA
25
°C
1250
1500
Ω
resistance(2)
ON-state input leakage
ION
VON = 0.9 V to 3.6 V or GND
Full
0.1
µA
current
(1)
Typical values are at VIN = 3.3 V and TA = 25°C.
(2)
See Output Pulldown in Application Information.
SWITCHING CHARACTERISTICS
VIN = 3.6 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turn-ON time
RL = 10 Ω, CL = 0.1 μF, VIN = 3.6V
111
μs
tOFF
Turn-OFF time
RL = 10 Ω, CL = 0.1 μF, VIN = 3.6V
3
μs
tr
VOUT rise time
RL = 10 Ω, CL = 0.1 μF, VIN = 3.6V
96
μs
tf
VOUT fall time
RL = 10 Ω, CL = 0.1 μF, VIN = 3.6V
2.5
μs
SWITCHING CHARACTERISTICS
VIN = 0.9 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turn-ON time
RL = 10 Ω, CL = 0.1 μF, VIN = 0.9V
160
μs
tOFF
Turn-OFF time
RL = 10 Ω, CL = 0.1 μF, VIN = 0.9V
20
μs
tr
VOUT rise time
RL = 10 Ω, CL = 0.1 μF, VIN = 0.9V
81
μs
tf
VOUT fall time
RL = 10 Ω, CL = 0.1 μF, VIN = 0.9V
5
μs
Copyright
© 2011, Texas Instruments Incorporated
5


Numéro de pièce similaire - TPS22924B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B Datasheet
1Mb / 22P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924BYZPRB TI1-TPS22924BYZPRB Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924BYZR TI1-TPS22924BYZR Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924BYZT TI1-TPS22924BYZT Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924BYZZR TI1-TPS22924BYZZR Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
More results

Description similaire - TPS22924B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com