Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2555DRCT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2555DRCT
Description  Precision Adjustable Current-Limited, Power-Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2555DRCT Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2555DRCT Datasheet HTML 1Page - Texas Instruments TPS2555DRCT Datasheet HTML 2Page - Texas Instruments TPS2555DRCT Datasheet HTML 3Page - Texas Instruments TPS2555DRCT Datasheet HTML 4Page - Texas Instruments TPS2555DRCT Datasheet HTML 5Page - Texas Instruments TPS2555DRCT Datasheet HTML 6Page - Texas Instruments TPS2555DRCT Datasheet HTML 7Page - Texas Instruments TPS2555DRCT Datasheet HTML 8Page - Texas Instruments TPS2555DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS2554
TPS2555
SLVSAM0
– JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1) (2)
VALUE
UNIT
Voltage range on IN, OUT, EN or EN, ILIM0, ILIM1, ILIM_SEL, FAULT
–0.3 to 7
V
Voltage range from IN to OUT
–7 to 7
IOUT
Continuous output current
Internally limited
Continuous total power dissipation
Internally limited
Continuous FAULT sink current
25
mA
ILIM source current
Internally limited
HBM
2
kV
ESD
CDM
500
V
TJ
Maximum junction temperature
–40 to OTSD2(3)
°C
Tstg
Storage temperature range
-65 to 150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
(3)
Ambient over-temperature shutdown threshold.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage, IN
4.5
5.5
V
VEN , VEN ,
Logic-level inputs
0
5.5
ILIM_SEL
IOUT
Continuous output current, OUT
0
2.5
A
TJ
Operating virtual junction temperature
–40
125
°C
RILIM
Recommended resistor limit range
16.9
750
k
Ω
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2554 TPS2555


Numéro de pièce similaire - TPS2555DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2555DRCT TI1-TPS2555DRCT Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2555DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com