Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2554DRCT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2554DRCT
Description  Precision Adjustable Current-Limited, Power-Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2554DRCT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS2554DRCT Datasheet HTML 6Page - Texas Instruments TPS2554DRCT Datasheet HTML 7Page - Texas Instruments TPS2554DRCT Datasheet HTML 8Page - Texas Instruments TPS2554DRCT Datasheet HTML 9Page - Texas Instruments TPS2554DRCT Datasheet HTML 10Page - Texas Instruments TPS2554DRCT Datasheet HTML 11Page - Texas Instruments TPS2554DRCT Datasheet HTML 12Page - Texas Instruments TPS2554DRCT Datasheet HTML 13Page - Texas Instruments TPS2554DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0
5
10
15
20
25
30
35
40
45
50
0.0
5.0
10.0
15.0
20.0
−10.0
−5.0
0.0
5.0
10.0
Input Voltage
Output Voltage
Time (ms)
Input Current
VIN = 5 V; Source capacitance = 470 µF Al + 3x68 µF Ta;
CIN= 100 nF; COUT = 150 µF; RILIM = 20 kΩ
0
2
4
6
8
10
12
14
16
18
20
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
−20.0
−15.0
−10.0
−5.0
0.0
5.0
10.0
15.0
20.0
Input Voltage
Output Voltage
Time (µs)
Input Current
VIN = 5 V; Source capacitance = 470 µF Al + 3x68 µF Ta;
CIN= 100 nF; COUT = 150 µF; RILIM = 20 kΩ
TPS2554
TPS2555
SLVSAM0
– JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Response to a Short Circuit
Response to a Short Circuit
(from a no-load condition)
(from a no-load condition)
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2554 TPS2555


Numéro de pièce similaire - TPS2554DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2554DRCT TI1-TPS2554DRCT Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2554DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com