Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2554DRCT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2554DRCT
Description  Precision Adjustable Current-Limited, Power-Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2554DRCT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2554DRCT Datasheet HTML 4Page - Texas Instruments TPS2554DRCT Datasheet HTML 5Page - Texas Instruments TPS2554DRCT Datasheet HTML 6Page - Texas Instruments TPS2554DRCT Datasheet HTML 7Page - Texas Instruments TPS2554DRCT Datasheet HTML 8Page - Texas Instruments TPS2554DRCT Datasheet HTML 9Page - Texas Instruments TPS2554DRCT Datasheet HTML 10Page - Texas Instruments TPS2554DRCT Datasheet HTML 11Page - Texas Instruments TPS2554DRCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0
500
2000
2500
1000
1500
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
R
ILIM = 210 kW
R
ILIM = 100 kW
R
ILIM = 20 kW
50
60
90
100
70
80
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
55
65
95
75
85
0
1
4
5
2
3
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
Turn-On Time
Turn-Off Time
0
100
600
700
300
400
0
1
2
5
6
7
8
I
FAULT - FAULT Sink Current - mA
4
3
9
200
500
T
J = 125°C
T
J = 25°C
T
J = -40°C
10
TPS2554
TPS2555
SLVSAM0
– JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Current Limit
Power Switch On-Resistance
vs
vs
Temperature
Temperature
Figure 8.
Figure 9.
Turn-On Time, Turn-Off Time
Fault Output Voltage
vs
vs
Temperature
Sink Current
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2554 TPS2555


Numéro de pièce similaire - TPS2554DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2554DRCT TI1-TPS2554DRCT Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2554DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com