Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD87352Q5D Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD87352Q5D
Description  Synchronous Buck NexFET Power Block
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87352Q5D Fiches technique(HTML) 3 Page - Texas Instruments

  CSD87352Q5D Datasheet HTML 1Page - Texas Instruments CSD87352Q5D Datasheet HTML 2Page - Texas Instruments CSD87352Q5D Datasheet HTML 3Page - Texas Instruments CSD87352Q5D Datasheet HTML 4Page - Texas Instruments CSD87352Q5D Datasheet HTML 5Page - Texas Instruments CSD87352Q5D Datasheet HTML 6Page - Texas Instruments CSD87352Q5D Datasheet HTML 7Page - Texas Instruments CSD87352Q5D Datasheet HTML 8Page - Texas Instruments CSD87352Q5D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HD
HG
LG
LD
M0189-01
LS
HS
HD
HG
LG
LD
M0190-01
LS
HS
CSD87352Q5D
www.ti.com
SLPS286
– JUNE 2011
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise stated)
Q1 Control FET
Q2 Sync FET
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, IDS = 250μA
30
30
V
Drain to Source Leakage
IDSS
VGS = 0V, VDS = 24V
1
1
μA
Current
Gate to Source Leakage
IGSS
VDS = 0V, VGS = +10 / -8
100
100
nA
Current
Gate to Source Threshold
VGS(th)
VDS = VGS, IDS = 250μA
1
2.1
0.75
1.15
V
Voltage
VIN = 12V, VGS = 5V,
Effective AC
VOUT = 1.3V, IOUT = 15A,
ZDS(on)
(1)
9
10.8
2.8
3.6
m
On-Impedance
fSW = 500kHz,
LOUT = 0.3µH, TJ = 25ºC
gfs
Transconductance
VDS = 15V, IDS = 15A
51
87
S
Dynamic Characteristics
CISS
Input Capacitance
740
890
1500
1800
pF
COSS
Output Capacitance
VGS = 0V, VDS = 15V,
315
380
645
775
pF
f = 1MHz
Reverse Transfer
CRSS
12
14
38
46
pF
Capacitance
RG
Series Gate Resistance
1.2
2.4
0.6
1.2
Ω
Qg
Gate Charge Total (4.5V)
4.6
5.5
10.4
12.5
nC
Gate Charge - Gate to
Qgd
0.9
1.9
nC
Drain
VDS = 15V,
IDS = 15A
Gate Charge - Gate to
Qgs
1.5
2.2
nC
Source
Qg(th)
Gate Charge at Vth
0.9
1.2
nC
QOSS
Output Charge
VDS = 9.8V, VGS = 0V
6.6
13
nC
td(on)
Turn On Delay Time
5.4
6.1
ns
tr
Rise Time
11
7
ns
VDS = 15V, VGS = 4.5V,
IDS = 15A, RG = 2Ω
td(off)
Turn Off Delay Time
9.5
16
ns
tf
Fall Time
2
2.7
ns
Diode Characteristics
VSD
Diode Forward Voltage
IDS = 15A, VGS = 0V
0.8
0.8
V
Qrr
Reverse Recovery Charge
11.3
16.3
nC
Vdd = 9.8V, IF = 15A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
16
20
ns
(1)
Equivalent System Performance based on application testing. See page 9 for details.
Max RθJA = 82°C/W
Max RθJA = 150°C/W
when mounted on
when mounted on
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm
2-oz. (0.071-mm thick)
thick) Cu.
Cu.
Copyright
© 2011, Texas Instruments Incorporated
3


Numéro de pièce similaire - CSD87352Q5D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87352Q5D TI-CSD87352Q5D Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D TI-CSD87352Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Description similaire - CSD87352Q5D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com