Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1204 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1204
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button AMC1204 Datasheet HTML 6Page - Texas Instruments AMC1204 Datasheet HTML 7Page - Texas Instruments AMC1204 Datasheet HTML 8Page - Texas Instruments AMC1204 Datasheet HTML 9Page - Texas Instruments AMC1204 Datasheet HTML 10Page - Texas Instruments AMC1204 Datasheet HTML 11Page - Texas Instruments AMC1204 Datasheet HTML 12Page - Texas Instruments AMC1204 Datasheet HTML 13Page - Texas Instruments AMC1204 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
60
70
80
90
100
4.5
5
5.5
AVDD (V)
SINAD
SNR
60
70
80
90
100
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
SINAD
SNR
60
70
80
90
100
0.1
1
10
100
Input Signal Frequency (kHz)
SINAD
SNR
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Input Signal Amplitude (mVpp)
SINAD
SNR
60
70
80
90
100
5
10
15
20
25
Clock Frequency (MHz)
SINAD
SNR
60
70
80
90
100
40
45
50
55
60
Clock Duty Cycle (%)
SINAD
SNR
AMC1204
SBAS512A
– APRIL 2011 – REVISED APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At AVDD = 5V, DVDD = 3.3V, VINP =
–250mV to +250mV, VINN = 0V, and sinc
3 filter with OSR = 256, unless otherwise
noted.
SINAD AND SNR vs ANALOG SUPPLY VOLTAGE
SINAD AND SNR vs TEMPERATURE
Figure 14.
Figure 15.
SINAD AND SNR vs INPUT SIGNAL FREQUENCY
SINAD AND SNR vs INPUT SIGNAL AMPLITUDE
Figure 16.
Figure 17.
SINAD AND SNR vs CLOCK FREQUENCY
SINAD AND SNR vs CLOCK DUTY CYCLE
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC1204


Numéro de pièce similaire - AMC1204

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
117Kb / 9P
[Old version datasheet]   Full-featured evaluation module
AMC1204-Q1 TI-AMC1204-Q1 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
More results

Description similaire - AMC1204

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com