Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX56 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce BCX56
Description  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCX56 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCX56 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCX56 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX56
NPN Transistors
Plastic-Encapsulate Transistors
RoHS Compliant Product
Elektronische Bauelemente
1.BASE
2.COLLECTOR
3.EMITTER
1
2
3
Features
C
o
Power dissipation
PCM:
1 . 2
W (Tamb=25 )
Collector current
ICM:
1
A
Collector-base voltage
V(BR)CBO:
1 0 0
V
Operating and storage junction temperature range
TJ, Tstg: -65
to +150
C
o
C
o
Complimentary to BCX53
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 1 of 2
4.4~4.6
1.4~1.8
0.35~0.44
1.4~1.6
0.32~0.52
0.36~0.56
1.5Ref.
2.9~3.1
Dimensision in Millimeter
SOT-89
C
o
E
Classification of hFE2
Range
Rank
10
16
63 - 160
100 - 250
DEVICE MARKING
BCP56
xxxx
Date Code
LECTRICAL
CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100µA, IE=0
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1 mA , IB=0
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µ A, IC=0
5
80
100
V
Collector cut-off current
ICBO
VCB=30V, IE=0
100
nA
Emitter cut-off current
IEBO
VEB=5 V, IC=0
100
nA
hFE(1)
VCE=2V, IC= 150mA
63
250
hFE(2)
VCE=2V, IC= 5mA
63
DC current gain
BCX56
BCX56-10
BCX56-16
hFE(3)
VCE=2V, IC= 500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500 mA, IB= 50mA
500
mV
Base-emitter
voltage
VBE(ON)
IC= 500 mA, VCE=2V
1
V
Transition frequency
f T
VCE= 5V, IC= 10mA
100
MHz


Numéro de pièce similaire - BCX56

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
BCX56 HTSEMI-BCX56 Datasheet
495Kb / 2P
   TRANSISTOR (NPN)
logo
Nanjing International G...
BCX56 DGNJDZ-BCX56 Datasheet
588Kb / 3P
   Low Voltage
logo
Siemens Semiconductor G...
BCX56 SIEMENS-BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

Description similaire - BCX56

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com