Moteur de recherche de fiches techniques de composants électroniques |
|
2N2904 Fiches technique(PDF) 3 Page - Microsemi Corporation |
|
2N2904 Fiches technique(HTML) 3 Page - Microsemi Corporation |
3 / 4 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http: //www.microsemi.com T4-LDS-0186 Rev. 1 (101764) Page 3 of 4 DYNAMIC CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Small-Signal Short-Circuit Forward-Current Transfer Ratio IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz 2N2904 2N2905 2N2904A, 2N2905A 2N2904AL, 2N2905AL hfe 25 50 40 100 Small-Signal Short-Circuit Forward-Current Transfer Ratio |hfe| 2.0 IC = 50mAdc, VCE = 20Vdc, f = 100MHz Output Capacitance Cobo pF VCB = 10Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0MHz 8.0 Iutput Capacitance Cibo pF VEB = 2.0Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0MHz 30 SWITCHING CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Turn-On Time VCC = 30Vdc, IC = 150mAdc, IB1 = 15mAdc ton 45 ηs Turn-Off Time VCC = 30Vdc, IC = 150Adc, IB1 = IB2 = 15mA toff 300 ηs (3) Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤ 2.0% |
Numéro de pièce similaire - 2N2904 |
|
Description similaire - 2N2904 |