Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLL5540B Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce CDLL5540B
Description  ZENER DIODE, 500mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5540B Fiches technique(HTML) 1 Page - Microsemi Corporation

  CDLL5540B Datasheet HTML 1Page - Microsemi Corporation CDLL5540B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
ZENER DIODE, 500mW
– LEADLESS PACKAGE FOR SURFACE MOUNT
– LOW REVERSE LEAKAGE CHARACTERISTICS
– METALLURGICALLY BONDED
Qualified per MIL-PRF-19500/437
LDS-0037 Rev. 1 (072304)
Page 1 of 2
DEVICES
1N5518BUR-1 Thru 1N5546BUR-1
And
CDLL5518 Thru CDLL5546D
QUALIFIED LEVELS
JAN
JANTX
JANTXV
MAXIMUM RATING AT 25°C
Junction and Storage Temperature:
DC Power Dissipation:
Power Derating:
Forward Voltage @ 200mA:
-65°C to +175°C
500mW @ TEC = +125°C
10mW / °C above TEC = +125°C
1.1 volts maximum
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
NOMINAL
ZENER
VOLTAGE
ZENER
TEST
CURRENT
MAX. ZENER
IMPEDANCE
B-C-D
SUFFIX
MAXIMUM REVERSE LEAKAGE
CURRENT
B-C-D
SUFFIX
MAIMUM
DC ZENER
REGULATION
FACTOR
CURRENT
LOW
VZ
CURRENT
VZ @ IZT
(NOTE 2)
IZT
ZZT @ IZT
(NOTE 3)
IR
(NOTE 4)
VR = VOLTS
IZM
ΔV
Z
(NOTE 5)
IZL
TYPE
NUMBER
(NOTE 1)
VOLTS
mA
Ohms
μAdc
NON &
A-
SUFFIX
B-C-D-
SUFFIX
mA
VOLTS
mA
CDLL5518B
CDLL5519B
CDLL5520B
CDLL5521B
CDLL5522B
3.3
3.6
3.9
4.3
4.7
20
20
20
20
10
26
24
22
18
22
5.0
3.0
1.0
3.0
2.0
0.90
0.90
0.90
1.0
1.5
1.0
1.0
1.0
1.5
2.0
115
105
98
88
81
0.90
0.90
0.85
0.75
0.60
2.0
2.0
2.0
2.0
1.0
CDLL5523B
CDLL5524B
CDLL5525B
CDLL5526B
CDLL5527B
5.1
5.6
6.2
6.8
7.5
5.0
3.0
1.0
1.0
1.0
26
30
30
30
35
2.0
2.0
1.0
1.0
0.5
2.0
3.0
4.5
5.5
6.0
2.5
3.5
5.0
6.2
6.8
75
68
61
56
51
0.65
0.30
0.20
0.10
0.05
0.25
0.25
0.01
0.01
0.01
CDLL5528B
CDLL5529B
CDLL5530B
CDLL5531B
CDLL5532B
8.2
9.1
10.0
11.0
12.0
1.0
1.0
1.0
1.0
1.0
40
45
60
80
90
0.5
0.1
0.05
0.05
0.05
6.5
7.0
8.0
9.0
9.5
7.5
8.2
9.1
9.9
10.8
46
42
38
35
32
0.05
0.05
0.10
0.20
0.20
0.01
0.01
0.01
0.01
0.01
CDLL5533B
CDLL5534B
CDLL5535B
CDLL5536B
CDLL5537B
13.0
14.0
15.0
16.0
17.0
1.0
1.0
1.0
1.0
1.0
90
100
100
100
100
0.01
0.01
0.01
0.01
0.01
10.5
11.5
12.5
13.0
14.0
11.7
12.6
13.5
14.4
15.3
29
27
25
24
22
0.20
0.20
0.20
0.20
0.20
0.01
0.01
0.01
0.01
0.01
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063
0.067
F
0.41
0.55
0.016
0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN
.001 MIN
FIGURE 1
DESIGN DATA
CDLL5538B
CDLL5539B
CDLL5540B
CDLL5541B
CDLL5542B
18.0
19.0
20.0
22.0
24.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
0.01
0.01
0.01
0.01
0.01
15.0
16.0
17.0
18.0
20.0
16.2
17.1
18.0
19.8
21.6
21
20
19
17
16
0.20
0.20
0.20
0.25
0.30
0.01
0.01
0.01
0.01
0.01
CASE: DO-213AA, Hermetically sealed glass case.
(MELF, SOD-80, LL34)
CDLL5543B
CDLL5544B
CDLL5545B
CDLL5546B
25.0
28.0
30.0
33.0
1.0
1.0
1.0
1.0
100
100
100
100
0.01
0.01
0.01
0.01
21.0
23.0
24.0
28.0
22.4
25.2
27.0
29.7
15
14
13
12
0.35
0.40
0.45
0.50
0.01
0.01
0.01
0.01
0.01
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (RθJEC):
100 °C/W maximum at L = 0 inch
NOTE 1: No Suffix type numbers are ±20% with guaranteed limits for only VZ, IR, and VF. Units with “A”
suffix are ±10% with guaranteed limits for VZ, IR, and VF. Units with guaranteed limits for all six
parameters are indicated by a “B” suffix for ±5.0% units, “C” suffix for ±2.0% and “D” suffix for
±1.0%.
THERMAL IMPEDANCE: (ZθJX):
35°C/W maximum
NOTE 2: Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C ± 3°C.
POLARITY: Diode to be operated with the banded
(cathode) end positive.
NOTE 3: Zener impedance is derived by superimposing on IZT A 60Hz rms a.c. current equal to 10% of IZT.
NOTE 4: Reverse leakage currents are measured at VR as shown on the table.
NOTE 5:
ΔV
Z is the maximum difference between VZ at IZT and VZ at IZL measured with the device junction
in thermal equilibrium.
MOUTING SURFACE SELECTION:
The Axial Coefficient of Expansion (COE) of this
device is approximately +6PPM/°C. The COE of the
Mounting Surface System should be selected to
provide a suitable match with this device.
S
F
G1
G
D


Numéro de pièce similaire - CDLL5540B

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
CDLL5540B CDI-DIODE-CDLL5540B Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
logo
Microsemi Corporation
CDLL5540B MICROSEMI-CDLL5540B Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
CDLL5540B MICROSEMI-CDLL5540B Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
More results

Description similaire - CDLL5540B

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Zibo Seno Electronic En...
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
   500mW ZENER DIODE
LL55C2V4 ZSELEC-LL55C2V4 Datasheet
503Kb / 3P
   500mW ZENER DIODE
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
   500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
   500mW Zener Diode
logo
Microsemi Corporation
IN5519BUR-1 MICROSEMI-IN5519BUR-1 Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com