Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3909AR Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce 1N3909AR
Description  HIGH RELIABILITY FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3909AR Fiches technique(HTML) 3 Page - Microsemi Corporation

  1N3909AR Datasheet HTML 1Page - Microsemi Corporation 1N3909AR Datasheet HTML 2Page - Microsemi Corporation 1N3909AR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY FAST RECOVERY RECTIFIER
T4-LDS-0144 Rev. 1 (091810)
Page 3 of 3
PACKAGE DIMENSIONS
Physical dimensions (DO-5)
Dimensions
Inches
Millimeters
Ltr
Min
Max
Min
Max
C
0.030
0.080
0.76
2.03
CD
0.250
0.375
6.35
9.52
CD1
0.667
16.94
CH
0.450
11.43
HF
0.669
0.688
16.99
17.48
HT
0.115
0.200
2.93
5.08
HT1
0.060
1.53
J
0.156
3.97
M
0.030
0.77
OAH
0.750
1.000
19.05
25.40
φT
0.140
0.175
3.56
04.44
SL
0.422
0.453
10.72
11.50
SP
.250-28 UNF-2A
THD NF optional
6.35-28 UNF-2A
THD NF optional
NOTES:
1. Dimensions are in inches.
2. Metric equivalents are given for general information only.
3. Units must not be damaged by torque of 30 inch-pounds applied to
0.250-28 UF-2B nut assembled on thread.
4. Diameter of unthreaded portion 0.249 inch (6.32 mm) max and 0.220
inch (5.59 mm) minimum.
5. Complete threads to extend to within 2.5 threads of seating plane.
6. Angular orientation for this terminal is underlined, however the major
surfaces over dimension CD shall be flat and the minimum distance
from the hole to any point on the periphery shall be 0.030 inch
(0.76mm) outside dimension J.
7. Max pitch diameter of plated threads shall be basic pitch diameter
0.2268 inch (5.76 mm) reference FED-STD-H28.
8. (Screw Thread Standards for Federal Services.)
9. A chamfer or undercut on one or both ends of the hex portion is
optional: Minimum bas diameter at seating plane.
0.600 inch (15.24 mm)
10. Reversed (anode to stud) units shall be marked with an “R”
following the last digit in the type number.


Numéro de pièce similaire - 1N3909AR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3909AR MICROSEMI-1N3909AR Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results

Description similaire - 1N3909AR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6306 MICROSEMI-JANTX1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
A197D ETC2-A197D Datasheet
1Mb / 4P
   High Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
   3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com