Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N2837B Fiches technique(PDF) 6 Page - Microsemi Corporation

No de pièce 1N2837B
Description  50 WATT ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2837B Fiches technique(HTML) 6 Page - Microsemi Corporation

  1N2837B Datasheet HTML 1Page - Microsemi Corporation 1N2837B Datasheet HTML 2Page - Microsemi Corporation 1N2837B Datasheet HTML 3Page - Microsemi Corporation 1N2837B Datasheet HTML 4Page - Microsemi Corporation 1N2837B Datasheet HTML 5Page - Microsemi Corporation 1N2837B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
50 WATT ZENER DIODES
Qualified per MIL-PRF-19500/114
T4-LDS-0076 Rev. 2 (101151)
Page 6 of 6
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches.
2.
Milimeter equivalents are given for general information only.
3.
These dimensions should be measured at points .050 inch (1.27mm) + .005 inch (0.13mm) -.000 inch (0.00mm) below
seating plane.
4.
The seating plane of the header shall be flat within .001 (0.03mm) concave to .004 inch (0.10mm) convex .001 inch
(0.003mm) cocave to .006 inch (0.15mm) convex overall.
5.
Pins 1 and 2 are internally connected with an internal jumper.
6.
Devices wih B suffix have the anode internally connected to the case and devices with RB suffix (reverse polarity) have
the cathode internally connected to the case.
7.
In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 1. Physical dimensions (similar to TO-3)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CH
.270
.380
6.86
9.65
LD
.048
.053
0.97
1.35
CD
.875
22.23
PS
.420
.440
10.67
11.18
3
PS1
.205
.225
5.21
5.72
3
HT
.060
.135
1.52
3.42
LL
.312
.500
7.92
12.70
L1
.050
1.27
MHD
.151
.165
3.84
4.09
MHS
1.177
1.197
29.90
30.40
HR
.495
.525
12.57
13.34
HR1
.131
.188
3.33
4.78
S1
.655
.675
16.64
17.15


Numéro de pièce similaire - 1N2837B

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N2837B MICROSEMI-1N2837B Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
1N2837B MICROSEMI-1N2837B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N2837B NJSEMI-1N2837B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results

Description similaire - 1N2837B

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com