Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAX-XC878-13FFA5V Fiches technique(PDF) 10 Page - Infineon Technologies AG

No de pièce SAX-XC878-13FFA5V
Description  8-Bit Single-Chip Microcontroller
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAX-XC878-13FFA5V Fiches technique(HTML) 10 Page - Infineon Technologies AG

Back Button SAX-XC878-13FFA5V Datasheet HTML 6Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 7Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 8Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 9Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 10Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 11Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 12Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 13Page - Infineon Technologies AG SAX-XC878-13FFA5V Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 145 page
background image
XC87xCLM
Summary of Features
Data Sheet
3
V1.5, 2011-03
XC87x Variant Devices
The XC87x product family features devices with different configurations, program
memory sizes, package options, power supply voltage, temperature and quality profiles
(Automotive or Industrial), to offer cost-effective solutions for different application
requirements.
The list of XC87x device configurations are summarized in Table 1. 2 types of packages
are available :
PG-LQFP-64, which is denoted by XC878 and;
PG-VQFN-48, which is denoted by XC874
From these 5 different combinations of configuration, each are further made available in
many sales types, which are grouped according to device type, program memory sizes,
power supply voltage, temperature and quality profiles (Automotive or Industrial), as
shown in Table 2.
Table 1
Device Configuration
Device Name
CAN
Module
LIN BSL
Support
MDU
Module
XC87x
NoNoNo
XC87xM
No
No
Yes
XC87xCM
Yes
No
Yes
XC87xLM
No
Yes
Yes
XC87xCLM
Yes
Yes
Yes
Table 2
Device Profile
Sales Type
Device
Type
Program
Memory
(Kbytes)
Power
Supply
(V)
Temp-
erature
(°C)
Quality
Profile
SAF-XC878-13FFI 5V
Flash
52
5.0
-40 to 85
Industrial
SAF-XC878M-13FFI 5V
Flash
52
5.0
-40 to 85
Industrial
SAF-XC878CM-13FFI 5V
Flash
52
5.0
-40 to 85
Industrial
SAF-XC878-16FFI 5V
Flash
64
5.0
-40 to 85
Industrial
SAF-XC878M-16FFI 5V
Flash
64
5.0
-40 to 85
Industrial
SAF-XC878CM-16FFI 5V
Flash
64
5.0
-40 to 85
Industrial
SAF-XC878-13FFI 3V3
Flash
52
3.3
-40 to 85
Industrial
SAF-XC878M-13FFI 3V3
Flash
52
3.3
-40 to 85
Industrial


Numéro de pièce similaire - SAX-XC878-13FFA5V

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SAX-XC878-13FFA5V INFINEON-SAX-XC878-13FFA5V Datasheet
2Mb / 145P
   8-Bit Single-Chip Microcontroller
V1.4 2010-08
More results

Description similaire - SAX-XC878-13FFA5V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com