Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C56 Fiches technique(PDF) 1 Page - Seme LAB |
|
BZX55C56 Fiches technique(HTML) 1 Page - Seme LAB |
1 / 2 page BZX55C Series Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. Prelim. 3/95 PTOT Power Dissipation TMB = 25°C Derate above 25°C TOP Maximum Operating Ambient Temperature TSTG Storage Temperature Range TSOL Soldering Temperature (5 seconds max.) RθJA Thermal Resistance Junction to Ambient RθJ–MB Thermal Resistance Junction to Mounting Base 500mW 4mW/°C –55 to +150°C –65 to +175°C 260°C 336°C/W 140°C/W MECHANICAL DATA Dimensions in mm(inches) 21 0.51 ± 0.10 (0.02 ± 0.004) 0.31 (0.012) 1.91 ± 0.10 (0.075 ± 0.004) 3.05 ± 0.13 (0.12 ± 0.005) 1.02 ± 0.10 (0.04 ± 0.004) 1.40 (0.055) max. A 0.31 (0.012) rad. rad. A = 3 VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI–REL APPLICATIONS FEATURES • HERMETIC CERAMIC SURFACE MOUNT PACKAGE (SOT23 COMPATIBLE) • VOLTAGE RANGE 2.4 TO 75V SOT23 CERAMIC (LCC1 PACKAGE) ABSOLUTE MAXIMUM RATINGS Pad 1 – Anode Pad 2 – N/C Pad 3 – Cathode Parameter Test Conditions Min. Typ. Max. Units VZ Zener Voltage IR Reverse Current ZZ Small Signal Breakdown Impedance ZZ Small Signal Breakdown Impedance near breakdown knee For VZ nom. ≤ 36V, IZ = 5mA For VZ nom. ≥ 39V, IZ = 2.5mA VR = VR test VR = VR test TAMB = 150°C IZ = IZ test For VZ nom. ≤ 36V, IZK = 1mA For VZ nom. ≥ 39V, IZK = 0.5mA VZ min. VZ nom. VZ max. IR max. IR max(2) ZZ max. ZK max. V µA Ω Ω ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise stated) See table 1 for type variants and test parameters. Underside View |
Numéro de pièce similaire - BZX55C56 |
|
Description similaire - BZX55C56 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |