Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C51 Fiches technique(PDF) 2 Page - Seme LAB

No de pièce BZX55C51
Description  VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BZX55C51 Fiches technique(HTML) 2 Page - Seme LAB

  BZX55C51 Datasheet HTML 1Page - Seme LAB BZX55C51 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZX55C Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
BZX55C2V4
2.4
2.28
2.56
155
85
1.0
50
-0.08
-0.06
600
100
BZX55C2V7
2.7
2.5
2.9
135
85
1.0
10
-0.08
-0.06
600
50
BZX55C3V0
3.0
2.8
3.2
125
85
1.0
4.0
-0.08
-0.06
600
40
BZX55C3V3
3.3
3.1
3.5
115
85
1.0
2.0
-0.08
-0.05
600
40
BZX55C3V6
3.6
3.4
3.8
105
85
1.0
2.0
-0.08
-0.04
600
40
BZX55C3V9
3.9
3.7
4.1
95
85
1.0
2.0
-0.07
-0.03
600
40
BZX55C4V3
4.3
4.0
4.6
90
75
1.0
1.0
-0.04
-0.01
600
20
BZX55C4V7
4.7
4.4
5.0
85
60
1.0
0.5
-0.03
+0.01
600
10
BZX55C5V1
5.1
4.8
5.4
80
35
1.0
0.1
-0.02
+0.05
550
2.0
BZX55C5V6
5.6
5.2
6.0
70
25
1.0
0.1
-0.01
+0.06
450
2.0
BZX55C6V2
6.2
5.8
6.6
64
10
2.0
0.1
0
+0.07
200
2.0
BZX55C6V8
6.8
6.4
7.2
58
8.0
3.0
0.1
+0.01
+0.08
150
2.0
BZX55C7V5
7.5
7.0
7.9
53
7.0
5.0
0.1
+0.01
+0.09
50
2.0
BZX55C8V2
8.2
7.7
8.7
47
7.0
6.2
0.1
+0.01
+0.09
50
2.0
BZX55C9V1
9.1
8.5
9.6
43
10
6.8
0.1
+0.02
+0.10
50
2.0
BZX55C10
10
9.4
10.6
40
15
7.5
0.1
+0.03
+0.11
70
2.0
BZX55C11
11
10.4
11.6
36
20
8.2
0.1
+0.03
+0.11
70
2.0
BZX55C12
12
11.4
12.7
32
20
9.1
0.1
+0.03
+0.11
90
2.0
BZX55C13
13
12.4
14.1
29
26
10
0.1
+0.03
+0.11
110
2.0
BZX55C15
15
13.8
15.6
27
30
11
0.1
+0.03
+0.11
110
2.0
BZX55C16
16
15.3
17.1
24
40
12
0.1
+0.03
+0.11
170
2.0
BZX55C18
18
16.8
19.1
21
50
13
0.1
+0.03
+0.11
170
2.0
BZX55C20
20
18.8
21.2
20
55
15
0.1
+0.03
+0.11
220
2.0
BZX55C22
22
20.8
23.3
18
55
16
0.1
+0.03
+0.11
220
2.0
BZX55C24
24
22.8
25.6
16
80
18
0.1
+0.04
+0.12
220
2.0
BZX55C27
27
25.1
28.9
14
80
20
0.1
+0.04
+0.12
220
2.0
BZX55C30
30
28
32
13
80
22
0.1
+0.04
+0.12
220
2.0
BZX55C33
33
31
35
12
80
24
0.1
+0.04
+0.12
220
2.0
BZX55C36
36
34
38
11
80
27
0.1
+0.04
+0.12
220
2.0
BZX55C39
39
37
41
10
90
30
0.1
+0.04
+0.12
500
5.0
BZX55C43
43
40
46
9.2
90
33
0.1
+0.04
+0.12
600
5.0
BZX55C47
47
44
50
8.5
110
36
0.1
+0.04
+0.12
700
5.0
BZX55C51
51
48
54
7.8
125
39
0.1
+0.04
+0.12
700
10
BZX55C56
56
52
60
7.0
135
43
0.1
+0.04
+0.12
1000
10
BZX55C62
62
58
66
6.4
150
47
0.1
+0.04
+0.12
1000
10
BZX55C68
68
64
72
5.9
200
51
0.1
+0.04
+0.12
1000
10
BZX55C75
75
70
80
5.3
250
56
0.1
+0.04
+0.12
1500
10
Product
VZ nom.
VZ min.
VZ max.
IZ max.
ZZ max.
VR test
IR max.
TCVZ
ZK max. IR max(2)
min.
max.
(V)
(V)
(V)
(mA)
(
Ω)
(V)
(
µA)
(%/°C)
(
Ω)(µA)
TABLE 1 – TYPE VARIANTS & TEST PARAMETERS


Numéro de pièce similaire - BZX55C51

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX55C51 VISHAY-BZX55C51 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C51 CHENDA-BZX55C51 Datasheet
695Kb / 3P
   Low zener impedance
logo
Changzhou Shunye Electr...
BZX55C51 SY-BZX55C51 Datasheet
317Kb / 3P
   ZENER DIODES
logo
RFE international
BZX55C51 RFE-BZX55C51 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Kingtronics Internation...
BZX55C51 KINGTRONICS-BZX55C51 Datasheet
470Kb / 4P
   BZX55C Silicon Planar Zener Diodes
More results

Description similaire - BZX55C51

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
1N5221B-LCC3 SEME-LAB-1N5221B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BZX79C SEME-LAB-BZX79C Datasheet
21Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
BYV143-40M SEME-LAB-BYV143-40M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
LM136CSM4-5V SEME-LAB-LM136CSM4-5V Datasheet
13Kb / 1P
   PRECISION 5V SHUNT REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
   0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM_02 Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com