Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA16847-2 Fiches technique(PDF) 9 Page - Infineon Technologies AG

No de pièce TDA16847-2
Description  Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16847-2 Fiches technique(HTML) 9 Page - Infineon Technologies AG

Back Button TDA16847-2 Datasheet HTML 5Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 6Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 7Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 8Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 9Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 10Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 11Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 12Page - Infineon Technologies AG TDA16847-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TDA 16846/16846-2
TDA 16847/16847-2
Version 2.0
9
31 Jul 2003
Figure 5
Startup Voltage Diagram
Primary Current Simulation PCS (Pin 2) / Current Limiting
A voltage proportional to the current of the power transistor is generated at Pin 2 by the
RC-combination
R
2, C2 (Figure 4). The voltage at Pin 2 is forced to 1.5 V when the
power transistor is switched off and during its switch on time
C
2 is charged by R2 from
the rectified mains. The equation of
V
2 and the current in the power transistor (Iprimary) is
:
L
primary: Primary inductance of the transformer
The voltage
V
2 is applied to one input of the On Time Comparator ONTC (see Figure 2).
The other input is the control voltage. If
V
2 exceeds the control voltage, the driver
switches off (current limiting). The maximum value of the control voltage is the internal
reference voltage 5 V, so the maximum current in the power transistor (
I
Mprimary) is
:
The control voltage can be reduced by either the Error Amplifier EA (current mode
regulation), or by an opto coupler at Pin 5 (regulation with opto coupler isolation) or by
the voltage
V
11 at Pin 11 (Fold Back Point Correction).
V2
1,5 V
Lprimary Iprimary
×
R2 C2
×
--------------------------------
+
=
IMprimary
3,5 V
R
2
×
C
2
×
Lprimary
--------------------------------------
=


Numéro de pièce similaire - TDA16847-2

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA16847 INFINEON-TDA16847 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16847G INFINEON-TDA16847G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

Description similaire - TDA16847-2

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
   for main and standby power supplies
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
   For main and standby power supplies.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
   For main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com