Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL212 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADXL212
Description  Precision 짹2 g Dual Axis, PWM Output Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL212 Fiches technique(HTML) 3 Page - Analog Devices

  ADXL212 Datasheet HTML 1Page - Analog Devices ADXL212 Datasheet HTML 2Page - Analog Devices ADXL212 Datasheet HTML 3Page - Analog Devices ADXL212 Datasheet HTML 4Page - Analog Devices ADXL212 Datasheet HTML 5Page - Analog Devices ADXL212 Datasheet HTML 6Page - Analog Devices ADXL212 Datasheet HTML 7Page - Analog Devices ADXL212 Datasheet HTML 8Page - Analog Devices ADXL212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXL212
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = –40°C to +85°C, VS = 5 V, CX = CY = 0.1 μF, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications
are guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range1
±1.5
±2
g
Nonlinearity
Best fit straight line
±0.2
% of FS
Package Alignment Error
±1
Degrees
Alignment Error
X sensor to Y sensor
±0.01
Degrees
Cross Axis Sensitivity
±2
%
SENSITIVITY (RATIOMETRIC)2
Each axis
Sensitivity at XOUT, YOUT
VS = 5 V
10
12.5
15
%/g
Sensitivity Change Due to Temperature3
VS = 5 V
±0.5
%
ZERO g BIAS LEVEL (RATIOMETRIC)
Each axis
0 g Duty Cycle at XOUT, YOUT
25
50
75
%
Initial 0 g Output Deviation from Ideal
TA = 25°C
±2
%
0 g Duty Cycle vs. Supply
1.0
4.0
%/V
0 g Offset vs. Temperature
±2
mg/°C
NOISE PERFORMANCE
Noise Density
TA = 25°C
500
1000
μg/√Hz rms
FREQUENCY RESPONSE4
3 dB Bandwidth5
500
Hz
CX, CY Range5
0.002
4.7
μF
Sensor Resonant Frequency
5.5
kHz
SELF TEST6
Duty Cycle Change
Self test (ST) pin: pulled low (0) to high (1)
10
%
DUTY CYCLE OUTPUT STAGE
fSET7
RSET = 125 kΩ
1
kHz
fSET7 Tolerance
RSET = 125 kΩ
0.7
1.3
kHz
Voltage Levels
High
I = 25 μA
VS − 0.2
V
Low
I = 25 μA
200
mV
t2 Drift vs. Temperature
±35
ppm/°C
Rise/Fall Time
200
ns
POWER SUPPLY
Operating Voltage Range
3.0
5.25
V
Specified Performance
4.75
5.25
V
Quiescent Supply Current
0.7
1.1
mA
Turn-On Time8
19
ms
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
1 Guaranteed by measurement of initial offset and sensitivity.
2 Sensitivity varies with VS. At VS = 3 V, sensitivity is typically 7.5%/g.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response is controlled by a user supplied external capacitor (CX, CY).
5 Bandwidth = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.002 μF, bandwidth = 2500 Hz. For CX, CY = 4.7 μF, bandwidth = 1 Hz. Minimum/maximum values are not tested.
6 Self test response changes with VS. At VS = 3 V, self test output is typically 6%.
7 The value of fSET is defined by the following equation:
fSET
=
t2
1
8 Larger values of CX, CY increase turn-on time. Turn-on time is approximately 160 × CX or CY + 3, where CX, CY are in μF, and the resulting turn-on time is in ms.


Numéro de pièce similaire - ADXL212

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL210 AD-ADXL210 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
More results

Description similaire - ADXL212

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
logo
Analog Devices
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
logo
STMicroelectronics
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output ultracompact accelerometer
logo
List of Unclassifed Man...
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
   Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com