Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADATE318 Fiches technique(PDF) 71 Page - Analog Devices

No de pièce ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Fiches technique(HTML) 71 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 67Page - Analog Devices ADATE318 Datasheet HTML 68Page - Analog Devices ADATE318 Datasheet HTML 69Page - Analog Devices ADATE318 Datasheet HTML 70Page - Analog Devices ADATE318 Datasheet HTML 71Page - Analog Devices ADATE318 Datasheet HTML 72Page - Analog Devices ADATE318 Datasheet HTML 73Page - Analog Devices ADATE318 Datasheet HTML 74Page - Analog Devices ADATE318 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
ADATE318
Rev. 0 | Page 71 of 80
USER INFORMATION AND TRUTH TABLES
Table 25. Driver Truth Table1
DCL Control Register Bits (0x19)
High Speed Inputs
DCL Enable
ADDR
0x19[0]
Force Load
ADDR
0x19[2]
Force Drive
ADDR
0x19[1]
Force State
ADDR
0x19[4:3]
Load Enable
ADDR
0x19[5]
DRV_VT_HIZ
ADDR 0x19 [6]
RCVx
DATx
Driver
0
X
X
XX
X
X
X
X
Low leakage
1
X
1
00
X
X
X
X
VIL
1
X
1
01
X
X
X
X
VIH
1
X
1
10
X
X
X
X
High-Z
1
X
1
11
X
X
X
X
VIT
1
X
0
XX
X
X
0
0
VIL
1
X
0
XX
X
X
0
1
VIH
1
X
0
XX
X
0
1
X
High-Z
1
X
0
XX
X
1
1
X
VIT
1 X = don’t care.
Table 26. Active Load Truth Table1
DCL Control Register Bits (0x19)
High Speed Inputs
DCL Enable
ADDR
0x19[0]
Force Load
ADDR
0x19[2]
Force Drive
ADDR
0x19[1]
Force State
ADDR
0x19[4:3]
Load Enable
ADDR
0x19[5]
DRV_VT_HIZ
ADDR 0x19 [6]
RCVx
DATx
Load
0
X
X
XX
X
X
X
X
Low leakage
1
1
X
XX
X
X
X
X
Active on
1
0
X
XX
0
X
X
X
Low leakage
1
0
X
XX
1
X
0
X
Active off
1
0
X
XX
1
0
1
X
Active on
1
0
X
XX
1
1
1
X
Active off
1 X = don’t care.
Table 27. VHH and VIH/VIL Driver Truth Table1
VHH_ENABLE ADDR 0x18[0]
CH0 RCV (RCV0)
CH0 DAT (DAT0)
Output of VHH Driver
1
0
0
VIL (Channel 0, VIL DAC)
1
0
1
VIH (Channel 0, VIH DAC)
1
1
X
VHH
0
X
X
Disabled (HVOUT pin set to 0.0 V, approximately 50 Ω impedance)
1 X = don’t care.
Table 28. Comparator Truth Table
DMC ENABLE
ADDR 0x1C[0]
CMPH0
CMPL0
CMPH1
CMPL1
0
Normal window compare
mode
Logic high: VOH0 < VDUT0
Logic low: VOH0 > VDUT0
Normal window compare
mode
Logic high: VOL0 < VDUT0
Logic low: VOL0 > VDUT0
Normal window compare
mode
Logic high: VOH1 < VDUT1
Logic low: VOH1 > VDUT1
Normal window compare
mode
Logic high: VOL1 < VDUT1
Logic low: VOL1 > VDUT1
1
Differential compare mode
Logic high:
VOH0 < VDUT0 – VDUT1
Logic low:
VOH0 > VDUT0 – VDUT1
Differential compare mode
Logic high:
VOL0 < VDUT0 − VDUT1
Logic low:
VOL0 > VDUT0 − VDUT1
Normal window compare
mode
Logic high: VOH1 < VDUT1
Logic low: VOH1 > VDUT1
Normal window compare
mode
Logic high: VOL1 < VDUT1
Logic low: VOL1 > VDUT1


Numéro de pièce similaire - ADATE318

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADATE318 AD-ADATE318 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE318BCPZ AD-ADATE318BCPZ Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
More results

Description similaire - ADATE318

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
   2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
   250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
   200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
   500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com