Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2369ACSM Fiches technique(PDF) 2 Page - Seme LAB

No de pièce 2N2369ACSM
Description  HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2369ACSM Fiches technique(HTML) 2 Page - Seme LAB

  2N2369ACSM Datasheet HTML 1Page - Seme LAB 2N2369ACSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
2N2369ACSM
Prelim. 3/00
LAB
SEME
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IC = 10mA
IC = 10mA
IE = 10mA
VCE = 20V
VCE = 10V
TA = +150°C
VCB = 20V
TA = +125°C
VEB = 4V
IC = 10mA
IB = 1mA
TA = +150°C
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
IC = 10mA
TA = +25°C
IB = 1mA
TA = +150°C
TA = –55°C
IC = 30mA
IB = 3mA
IC = 100mA
IB = 10mA
IC = 10mA
VCE = 0.35V
IC = 30mA
VCE = 0.40V
IC = 10mA
VCE = 1V
TA = –55°C
IC = 100mA
VCE = 1V
IC = 10mA
VCE = 10V
f = 100MHz
VCB = 5V
IE = 0
f = 100kHz to 1MHz
VEB = 0.5V
IC = 0
f = 100kHz to 1MHz
IC = 10mA
IB1 = –IB2 = 10mA
IC = 10mA
IB1 = 3mA
IB2 = –1.5mA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CEO*
Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICES
Collector – Emitter Cut-off Current
ICBO
Collector – Base Cut-off Current
IEBO
Emitter – Base Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE*
Current Gain
|hfe|
Magnitude of hfe
Cob
Output Capacitance
Cib
Input Capacitance
ts
Storage Time
ton
Turn–On Time
toff
Turn–Off Time
15
40
4.5
0.40
0.30
30
0.20
30
0.25
0.20
0.30
0.25
0.43
0.70
0.85
0.59
1.02
0.90
1.20
40
120
30
120
40
120
20
20
120
510
4
5
13
12
18
V
V
V
mA
mA
mA
V
V
pF
ns
ns
* Pulse Test: tp £ 300ms, d£ 2%.


Numéro de pièce similaire - 2N2369ACSM

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
2N2369ACSM SEME-LAB-2N2369ACSM Datasheet
21Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED TO-18 PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2369ACSM SEME-LAB-2N2369ACSM_03 Datasheet
21Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED TO-18 PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Description similaire - 2N2369ACSM

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
2N2222ACSM4 SEME-LAB-2N2222ACSM4 Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
17Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ADCSM SEME-LAB-2N2222ADCSM Datasheet
18Kb / 2P
   DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2907ACSM SEME-LAB-2N2907ACSM Datasheet
16Kb / 2P
   HIGH SPEED, MEDIUM POWER, PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3501CSM4 SEME-LAB-2N3501CSM4 Datasheet
17Kb / 3P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2907ADCSM SEME-LAB-2N2907ADCSM Datasheet
41Kb / 2P
   DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4 SEME-LAB-2N3439CSM4 Datasheet
20Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2484CSM SEME-LAB-2N2484CSM Datasheet
20Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N930CSM SEME-LAB-2N930CSM Datasheet
20Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4R SEME-LAB-2N3439CSM4R Datasheet
16Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com