Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP20R06W1E3_B11 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce FP20R06W1E3_B11
Description  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP20R06W1E3_B11 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  FP20R06W1E3_B11 Datasheet HTML 1Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 2Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 3Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 4Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 5Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 6Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 7Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 8Page - Infineon Technologies AG FP20R06W1E3_B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
!"
!"
!
"
M
: B
G
+
?
+
9PQ 0 "R>
)778
1
)
+
:
>
;
2m
6
M
:
B
G
?
;
T 0
2m78
!
6
F
G
+
2n
)7 0
)S T 0
S 9PQ 0
"R>
)7 0
)S T 0
S 9PQ 0 " R>
2n
! S
!"S
6n
6n
#
$
=
:
+
;
+
2m 0
6S )U. 0
)
2m 0
6S )U. 0
)
2m 0
6S )U. 0
)
)m
S1
S""
S"
S
)
)
)
9PQ 0 "R>
9PQ 0
"R>
9PQ 0 " R>
L] ?
G
?
2m 0
6S
m,
0 #
6,Y &9PQ0 " R>(
)7 0
)
)U. 0
" )
278
!S
#S
! S
6
6
6
9PQ 0 "R>
9PQ 0
"R>
9PQ 0 " R>
B
G_+
+
+
: +
2m 0
6S
m,
0 #
6,Y &9PQ0 " R>(
)7 0
)
)U. 0
" )
X^
S
S "
S
Y>
Y>
Y>
9PQ 0 "R>
9PQ 0
"R>
9PQ 0 " R>
6
:
+
M
+
2m 0
6S
m,
0 #
6,Y &9PQ0 " R>(
)7 0
)
)U. 0
" )
'^\o
S
S
S!
c
c
c
9PQ 0 "R>
9PQ 0
"R>
9PQ 0 " R>
2
K*
;
:
S g
,
LEWh-
S "
S "
,K
i
+
+ K*
;
:
S
:
?
,
jTDCE\ 0
K,& f ( ,
jk^\DC\ 0
K,& f (
LEW-l
S "
,K
!
"
M
: L] ?; B
G
+
?
+
9PQ 0 "R>
)778
1
)
:
F
G
? ;
;
L B
=
9- 0 # R>
2m78/8
6
F
:
:
6
+
+ F
G
?
=
L B
L
9- 0 # R>
278/8
6
B p
F
G;
+
;
q 0
S 9PQ 0 "R>
q 0
S 9PQ 0 " R>
2m/8
!"
6
6
F
G
+
2n
q 0
S 9PQ 0 "R>
q 0
S 9PQ 0 " R>
2n
!"
6n
6n
#
$
=
:
+
;
+
9PQ 0 " R>S 2m 0
6
)m
S
)
B
9PQ 0 " R>S )7 0 1
)
27
S
6
2
K*
;
:
S g
LEWh-
S
S "
,K
i
+
+ K*
;
:
S
:
?
,
jTDCE\ 0
K,& f ( ,
jk^\DC\ 0
K,& f (
LEW-l
S "
,K


Numéro de pièce similaire - FP20R06W1E3_B11

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
844Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11_13 Datasheet
844Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results

Description similaire - FP20R06W1E3_B11

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
673Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:3.0
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com