Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP10R06W1E3 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce FP10R06W1E3
Description  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP10R06W1E3 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  FP10R06W1E3 Datasheet HTML 1Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 2Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 3Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 4Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 5Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 6Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 7Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 8Page - Infineon Technologies AG FP10R06W1E3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
!
"
O
9 A
F
+
>
+
8QR 0 'S=
)667
!
)
+
9
=
:
1m
5
O
9
A
F
>
:
U 0
1m67
5
B
F
+
1n
)6 0
)T U 0
T 8QR 0
'S=
)6 0
)T U 0
T 8QR 0 ' S=
1n
T'
T'
5n
5n
#
$
<
9
+
:
+
1m 0
5T )V. 0
)
1m 0
5T )V. 0
)
1m 0
5T )V. 0
)
)m
T!
T''
T'
T
)
)
)
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
LJ >
F
>
1m 0
5T
m,
0 '
5,[ $8QR0 ' S=(
)6 0 &
)
)V. 0
' )
167
T
T
T
5
5
5
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
A
FM+
+
+
9 +
1m 0
5T
m,
0 '
5,[ $8QR0 ' S=(
)6 0 &
)
)V. 0
' )
Z_
T'
T '
T
[=
[=
[=
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
5
9
+
O
+
1m 0
5T
m,
0 '
5,[ $8QR0 ' S=(
)6 0 &
)
)V. 0
' )
%_^o
T
T
T !
c
c
c
8QR 0 'S=
8QR 0
'S=
8QR 0 ' S=
1
K*
:
9
T g
,
LEXh-
T
&T
,K
i
+
+ K*
:
9
T
9
>
,
jUDCE^ 0
K,$ f ( ,
jk_^DC^ 0
K,$ f (
LEX-l
TY
,K
!
"
O
9 LJ >: A
F
+
>
+
8QR 0 'S=
)667
!
)
9
B
F
> :
:
L A
<
8- 0
S=
1m67/7
&
5
B
9
9
5
+
+ B
F
>
<
L A
L
8- 0
S=
167/7
&
5
A p
B
F:
+
:
q 0
T 8QR 0 'S=
q 0
T 8QR 0 ' S=
1m/7
&
Y'
5
5
B
F
+
1n
q 0
T 8QR 0 'S=
q 0
T 8QR 0 ' S=
1n
Y'
&
5n
5n
#
$
<
9
+
:
+
8QR 0 ' S=T 1m 0
5
)m
T
)
A
8QR 0 ' S=T )6 0 !
)
16
T
5
1
K*
:
9
T g
LEXh-
T
T&'
,K
i
+
+ K*
:
9
T
9
>
,
jUDCE^ 0
K,$ f ( ,
jk_^DC^ 0
K,$ f (
LEX-l
T '
,K


Numéro de pièce similaire - FP10R06W1E3

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
956Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3_13 Datasheet
956Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
673Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:3.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
835Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:3.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11_13 Datasheet
835Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:3.0
More results

Description similaire - FP10R06W1E3

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB10R06W1E3 INFINEON-FB10R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB15R06W1E3 INFINEON-FB15R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com