Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS318_TO-71 Fiches technique(PDF) 1 Page - Micross Components

No de pièce LS318_TO-71
Description  MONOLITHIC DUAL NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

LS318_TO-71 Fiches technique(HTML) 1 Page - Micross Components

  LS318_TO-71 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
LOG CONFORMANCE  
∆re = 1Ω TYP.
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation (One side) 
250mW 
Continuous Power Dissipation (Both sides) 
500mW 
Linear Derating factor (One side) 
2.3mW/°C 
Linear Derating factor (Both sides) 
4.3mW/°C 
Maximum Currents 
Collector Current 
10mA 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 
Base Emitter Voltage Differential 
‐‐ 
0.4 
mV 
I= 10µA, VCE = 5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
µV/°C 
I= 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
|IB1 – IB2 
Base Current Differential 
‐‐ 
‐‐ 
10 
nA 
I= 10µA, VCE = 5V 
|∆ (IB1 – IB2)|/°C 
Base Current Differential 
 Change with Temperature 
‐‐ 
‐‐ 
0.5 
nA/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
hFE1 /hFE2 
DC Current Gain Differential 
‐‐ 
‐‐ 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
∆re 
Log Conformance 
‐‐ 
‐‐ 
1.5 Ω 
IC = 10‐100‐1000µA, VCE = 5V 
BVCBO 
Collector to Base Voltage 
25 
‐‐ 
‐‐ 
I= 10µA, I= 0 
BVCEO 
Collector to Emitter Voltage 
25 
‐‐ 
‐‐ 
I= 10µA, I= 0 
BVEBO 
Emitter‐Base Breakdown Voltage 
6.2 
‐‐ 
‐‐ 
I= 10µA, I= 0
2 
BVCCO 
Collector to Collector Voltage 
45 
‐‐ 
‐‐ 
I= 10µA, I= 0 
 
hFE 
 
DC Current Gain 
150 
‐‐ 
600  
I= 10µA, VCE = 5V 
150 
‐‐ 
600  
I= 100µA, VCE = 5V 
150 
‐‐ 
‐‐ 
 
I= 1mA, VCE = 5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
0.25 
I= 1mA, IB = 0.1mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
0.2 
nA 
I= 0, VEB = 3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
0.2 
nA 
I= 0, VCB = 20V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
pF 
I= 0, VCB = 3V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
0.5 
nA 
VCC = ±45V 
fT 
Current Gain Bandwidth Product 
200 
‐‐ 
‐‐ 
MHz 
I= 1mA, VCE = 5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
dB 
I= 100µA,  VCE = 5V, BW=200Hz, RG= 10KΩ,  
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
 
 
 
LS318
MONOLITHIC DUAL
NPN TRANSISTOR
LS318 Features:
Tight matching
Low Output Capacitance
The LS318 is a monolithic pair of NPN transistors
mounted in a single TO-71 package. The monolithic
dual chip design reduces parasitics and is ideal for use
in logging applications. See LS358 for PNP.
The hermetically sealed TO-71 is well suited for hi-rel
and harsh environment applications.
(See Packaging Information).
Linear Systems Log Conformance Monolithic Dual NPN
Available Packages:
LS318 in T0-78
LS318 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
TO-71 (Bottom View)


Numéro de pièce similaire - LS318_TO-71

FabricantNo de pièceFiches techniqueDescription
logo
Micross Components
LS318_TO-78 MICROSS-LS318_TO-78 Datasheet
296Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
More results

Description similaire - LS318_TO-71

FabricantNo de pièceFiches techniqueDescription
logo
Micross Components
LS350_TO-78 MICROSS-LS350_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS352_SOIC MICROSS-LS352_SOIC Datasheet
276Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS352_TO-71 MICROSS-LS352_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOT-23 MICROSS-LS303_SOT-23 Datasheet
271Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS310_TO-78 MICROSS-LS310_TO-78 Datasheet
284Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS311_TO-71 MICROSS-LS311_TO-71 Datasheet
283Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS3250C_TO-71 MICROSS-LS3250C_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT121_TO-78 MICROSS-IT121_TO-78 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT124_TO-71 MICROSS-IT124_TO-71 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT130_TO-78 MICROSS-IT130_TO-78 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com