Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD5V0S2U-06 Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce ESD5V0S2U-06
Description  Silicon TVS Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V0S2U-06 Fiches technique(HTML) 6 Page - Infineon Technologies AG

  ESD5V0S2U-06 Datasheet HTML 1Page - Infineon Technologies AG ESD5V0S2U-06 Datasheet HTML 2Page - Infineon Technologies AG ESD5V0S2U-06 Datasheet HTML 3Page - Infineon Technologies AG ESD5V0S2U-06 Datasheet HTML 4Page - Infineon Technologies AG ESD5V0S2U-06 Datasheet HTML 5Page - Infineon Technologies AG ESD5V0S2U-06 Datasheet HTML 6Page - Infineon Technologies AG ESD5V0S2U-06 Datasheet HTML 7Page - Infineon Technologies AG ESD5V0S2U-06 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2007-12-07
6
ESD5V0S...
Package SOD323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
BAR63-03W
Type code
Cathode marking
Laser marking
0.6
marking
Cathode
0.25
0.3
1
-0.05
M
A
+0.1
+0.2
2
1.25-0.1
+0.05
-0.2
0.3
0.15-0.06
+0.1
0 ±0.05
A
0.9
+0.2
-0.1
0.2
4
1
1.35
0.65
Cathode
marking


Numéro de pièce similaire - ESD5V0S2U-06

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
   Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
ESD5V0S4US INFINEON-ESD5V0S4US Datasheet
152Kb / 7P
   Multi-Channel TVS Diode Array
2007-12-11
ESD5V0S4US INFINEON-ESD5V0S4US Datasheet
841Kb / 7P
   Multi-Channel TVS Diode Array
2011-06-17
ESD5V0S4US INFINEON-ESD5V0S4US_11 Datasheet
841Kb / 7P
   Multi-Channel TVS Diode Array
2011-06-17
ESD5V0S5US INFINEON-ESD5V0S5US Datasheet
152Kb / 7P
   Multi-Channel TVS Diode Array
2007-12-11
More results

Description similaire - ESD5V0S2U-06

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
   Silicon TVS diodes
2009-02-18
ESD24VS2U INFINEON-ESD24VS2U_11 Datasheet
624Kb / 10P
   Silicon TVS diodes
2011-12-05
DSL70 INFINEON-DSL70 Datasheet
797Kb / 6P
   Silicon TVS diodes Array
2009-03-11
DSL70 INFINEON-DSL70_11 Datasheet
799Kb / 6P
   Silicon TVS diodes Array
2011-06-17
logo
Diotec Semiconductor
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
   Bidirectional TVS Diodes
logo
Yea Shin Technology Co....
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
   BIDIRECTIONAL TVS DIODES
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
   Unidirectional TVS Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com