Moteur de recherche de fiches techniques de composants électroniques |
|
STK740-441 Fiches technique(PDF) 1 Page - Sanyo Semicon Device |
|
STK740-441 Fiches technique(HTML) 1 Page - Sanyo Semicon Device |
1 / 10 page Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft’s control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein. Thick Film Hybrid IC 5V/5A Single Output Separate Excitation Chopper Regulator Ordering number:EN*6107 STK740-470 SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 63099RM (KT) No.6107–1/10 1 12 46.6 41.2 (6.63) 11 ×2.54=27.94 3.6 0.5 2.54 8.5 0.4 2.9 Package Dimensions unit:mm 4170-SIP28 [STK740-470] SANYO : SIP-28 Preliminary Overview The STK740-470 is a separate-excitation step-down chopper regulator hybrid IC for the secondstage circuit. This IC incorporates in the package all the necessary circuits for a chopper regulator including power switch, error amplifier, soft start, shutdown type output short protection, low-voltage malfunction prevention, on/off, and snubber circuits. Therefore, external components required are input and output capacitors and a choke coil only and this allows this IC to be used to construct a large-current (5A) chopper regulator as if a 3-pin regula- tor were used. DC8V to 18V input voltage can be handled and up to 5A of output current is supported. Applications • Local power supply for the equipment of which input rating is DC9V to 15V. Features • Adoption of Sanyo IMST ; Insulated Metal Substrate Technology, allows the circuit to be operated without using a heat sink (see “No Fin Output Current Derat- ing” chart in the page 6). • Typical efficiency of 90% at DC 12V input, 2.5A output. • Fine adjustment of output voltage enable. • 50 kHz operating frequency. • Low-RON resistance power MOSFET adopted. • Low-VF Schottky barrier diode adopted. |
Numéro de pièce similaire - STK740-441 |
|
Description similaire - STK740-441 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |