Moteur de recherche de fiches techniques de composants électroniques |
|
SB1520 Fiches technique(PDF) 1 Page - Semikron International |
|
SB1520 Fiches technique(HTML) 1 Page - Semikron International |
1 / 3 page SB 1520 ... SB 15100 © by SEMIKRON Rev. 4 – 18.01.2011 1 Axial Lead Diode Diode Schottky barrier rectifier diodes Forward Current: 15 A Reverse Voltage: 20 to 100 V SB 1520 ... SB 15100 Features • Max. solder temperature: 260°C • Plastic material has UL classification 94V-0 • Electrostatic discharge immunity test IEC 1000-4-2 (C=150 pF, R=150 Ohm): voltage class 20 kV Typical Applications* • Designed as Bypass Diodes for Solar Panels, protection application Mechanical Data • Plastic case: 8 x 7,5 [mm] • Weight approx.: 1,5 g • Terminals: plated terminals solderable per MIL-STD-750 • Mounting position: any • Standard packaging: 500 pieces per ammo or 1000 pieces per reel Footnotes 1) IF = - A, IR = - A, IRR = - A 2) IF = 5 A, Tj = 25 °C 3) IF = 15 A, Tj = 25 °C 4) Valid, if leads are kept at TA at a distance of 10 mm from case 5) Max. junction temperature Tj ≤200 °C in bypass mode / DC forward mode 6) Thermal resistance from junction to lead/ terminal at distance 0 mm from case Type Repetitive peak reverse voltage VRRM V Surge peak reverse voltage VRSM V Max. reverse recovery time trr1) ns Max. forward voltage VF2) V Max. forward voltage VF3) V SB 1520 20 20 - 0,43 0,52 SB 1530 30 30 - 0,43 0,52 SB 1540 40 40 - 0,43 0,52 SB 1545 45 45 - 0,43 0,52 SB 1550 50 50 - 0,6 - SB 1560 60 60 - 0,6 - SB 1590 90 90 - 0,74 - SB 15100 100 100 - 0,74 - Absolute Maximum Ratings Symbol Conditions Values Unit Ta = 25 °C, unless otherwise specified IFAV R-load, 4), Ta =50 °C 15 A IFRM f > 15 Hz, 4) 60 A IFSM half sinus-wave Ta =25 °C tp =10ms 320 A tp =8.3 ms A i2t Ta =25 °C tp =10ms 512 A²s tp =8.3 ms A²s Tj Operating junction temperature -50 ... +150 °C Tj DC forward (bypass) mode 5) -50 ... +200 °C Tstg Storage temperature -50 ... +175 °C Characteristics Symbol Conditions min. typ. max. Unit Ta = 25 °C, unless otherwise specified IR Tj =25 °C, VR = VRRM 500 µA IR Tj =100 °C, VR = VRRM 25 mA Cj at 1 MHz and applied reverse voltage of 4 V -pF ERSM L= 60 mH, Tj = 25 °C, inductive load switched off -mJ Rthja 4) -K/W RthjL 6) 3K/W |
Numéro de pièce similaire - SB1520 |
|
Description similaire - SB1520 |