Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK4181V Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce STK4181V
Description  AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.08%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4181V Fiches technique(HTML) 7 Page - Sanyo Semicon Device

  STK4181V Datasheet HTML 1Page - Sanyo Semicon Device STK4181V Datasheet HTML 2Page - Sanyo Semicon Device STK4181V Datasheet HTML 3Page - Sanyo Semicon Device STK4181V Datasheet HTML 4Page - Sanyo Semicon Device STK4181V Datasheet HTML 5Page - Sanyo Semicon Device STK4181V Datasheet HTML 6Page - Sanyo Semicon Device STK4181V Datasheet HTML 7Page - Sanyo Semicon Device STK4181V Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STK4181V
No. 2137—7/8
Sample Application Circuit (protection circuit and muting circuit)
Thermal Design
The IC power dissipation of the STK4181V at the IC-operated mode is 66W max. at load resistance 8
Ω and 99W max. at
load resistance 4
Ω (simultaneous drive of 2 channels) for continuous sine wave as shown in Figure 1 and 2.
Figure 1. STK4181V Pd – PO (RL = 8Ω)
Figure 2. STK4181V Pd – PO (RL = 4Ω)
Output power, PO - W
Output power, PO - W


Numéro de pièce similaire - STK4181V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4181V SANYO-STK4181V Datasheet
119Kb / 1P
   2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
More results

Description similaire - STK4181V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4182II SANYO-STK4182II Datasheet
252Kb / 8P
   AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.4%)
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4151V SANYO-STK4151V Datasheet
379Kb / 5P
   AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
STK4201V SANYO-STK4201V Datasheet
147Kb / 3P
   AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.08%)
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com