Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54-04W Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BAT54-04W
Description  Silicon Schottky Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT54-04W Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BAT54-04W Datasheet HTML 1Page - Infineon Technologies AG BAT54-04W Datasheet HTML 2Page - Infineon Technologies AG BAT54-04W Datasheet HTML 3Page - Infineon Technologies AG BAT54-04W Datasheet HTML 4Page - Infineon Technologies AG BAT54-04W Datasheet HTML 5Page - Infineon Technologies AG BAT54-04W Datasheet HTML 6Page - Infineon Technologies AG BAT54-04W Datasheet HTML 7Page - Infineon Technologies AG BAT54-04W Datasheet HTML 8Page - Infineon Technologies AG BAT54-04W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2008-04-30
3
BAT54...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT54
BAT54-02LRH
BAT54-02V
BAT54-03W
BAT54-04
BAT54-04W
BAT54-05
BAT54-05W
BAT54-06
BAT54-06W
BAT54W
RthJS
≤ 245
≤ 65
≤ 105
≤ tbd
≤ 345
≤ 145
≤ 445
≤ 175
≤ 345
≤ 145
≤ 110
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage2)
I(BR) = 10 µA
V(BR)
30
-
-
V
Reverse current2)
VR = 25 V
IR
-
-
2
µA
Forward voltage2)
IF = 0.1 mA
IF = 1 mA
IF = 10 mA
IF = 30 mA
IF = 100 mA
VF
-
-
-
-
-
-
-
-
-
-
240
320
400
500
800
mV
1For calculation of RthJA please refer to Application Note Thermal Resistance
2Pulsed test: tp = 300 µs; D = 0.01


Numéro de pièce similaire - BAT54-04W

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAT54-02V VISHAY-BAT54-02V Datasheet
88Kb / 4P
   Schottky Diode in SOD-523
Rev. 1.4, 12-Dec-05
BAT54-02V VISHAY-BAT54-02V Datasheet
76Kb / 3P
   Small Signal Schottky Diode
01-Jan-2022
BAT54-02V-GS08 VISHAY-BAT54-02V-GS08 Datasheet
88Kb / 4P
   Schottky Diode in SOD-523
Rev. 1.4, 12-Dec-05
BAT54-02V-GS18 VISHAY-BAT54-02V-GS18 Datasheet
88Kb / 4P
   Schottky Diode in SOD-523
Rev. 1.4, 12-Dec-05
BAT54-02V-V-G VISHAY-BAT54-02V-V-G Datasheet
62Kb / 4P
   Small Signal Schottky Diode
Rev. 1.0, 14-Oct-10
More results

Description similaire - BAT54-04W

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com